Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4AI Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 64Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 65Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 66Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 67Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 68Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 69Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 70Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 71Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
68
AT90S/LS8535
1041H–11/01
Analog-to-Digital
Converter
Feature list
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ±2 LSB Absolute Accuracy
• 65 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• 8 Multiplexed Input Channels
• Rail-to-Rail Input Range
• Free Running or Single Conversion Mode
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The AT90S8535 features a 10-bit successive approximation ADC. The ADC is con-
nected to an 8-channel Analog Multiplexer that allows each pin of Port A to be used as
an input for the ADC. The ADC contains a Sample and Hold Amplifier that ensures that
the input voltage to the ADC is held at a constant level during conversion. A block dia-
gram of the ADC is shown in Figure 45.
The ADC has two separate analog supply voltage pins, AVCC and AGND. AGND must
be connected to GND and the voltage on AV
CC must not differ more than ±0.3V from
V
CC. See “ADC Noise Canceling Techniques” on page 74 on how to connect these pins.
An external reference voltage must be applied to the AREF pin. This voltage must be in
the range 2V - AV
CC.
Figure 45. Analog-to-Digital Converter Block Schematic
ADC CONVERSION
COMPLETE IRQ
8-BIT DATA BUS
15
0
ADC MULTIPLEXER
SELECT (ADMUX)
ADC CTRL & STATUS
REGISTER (ADCSR)
ADC DATA REGISTER
(ADCH/ADCL)
8-
CHANNEL
MUX
CONVERSION LOGIC
10-BIT DAC
+
-
SAMPLE & HOLD
COMPARATOR
PRESCALER
AREF
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com