Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4AI Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 82Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 83Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 84Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 85Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 86Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 87Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
86
AT90S/LS8535
1041H–11/01
Figure 60. Port C Schematic Diagram (Pins PC7)
Port D
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors.
Three I/O memory address locations are allocated for Port D, one each for the Data
Register – PORTD, $12($32), Data Direction Register – DDRD, $11($31) and the Port D
Input Pins – PIND, $10($30). The Port D Input Pins address is read-only, while the Data
Register and the Data Direction Register are read/write.
The Port D output buffers can sink 20 mA. As inputs, Port D pins that are externally
pulled low will source current if the pull-up resistors are activated. Some Port D pins
have alternate functions as shown in Table 33.
Table 33. Port D Pin Alternate Functions
Port Pin
Alternate Function
PD0
RXD (UART Input line)
PD1
TXD (UART Output line)
PD2
INT0 (External interrupt 0 input)
PD3
INT1 (External interrupt 1 input)
PD4
OC1B (Timer/Counter1 output compareB match output)
PD5
OC1A (Timer/Counter1 output compareA match output)
PD6
ICP (Timer/Counter1 input capture pin)
PD7
OC2 (Timer/Counter2 output compare match output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com