Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4AI Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT90LS8535-4AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 55Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 56Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 57Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 58Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 59Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 60Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 61Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 62Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
59
AT90S/LS8535
1041H–11/01
UART
The AT90S8535 features a full duplex (separate receive and transmit registers) Univer-
sal Asynchronous Receiver and Transmitter (UART). The main features are:
• Baud Rate Generator that can Generate a Large Number of Baud Rates (bps)
• High Baud Rates at Low XTAL Frequencies
• 8 or 9 Bits Data
• Noise Filtering
• Overrun Detection
• Framing Error Detection
• False Start Bit Detection
• Three Separate Interrupts on TX Complete, TX Data Register Empty and RX Complete
• Buffered Transmit and Receive
Data Transmission
A block schematic of the UART transmitter is shown in Figure 41.
Figure 41. UART Transmitter
Data transmission is initiated by writing the data to be transmitted to the UART I/O Data
Register, UDR. Data is transferred from UDR to the Transmit shift register when:
•
A new character is written to UDR after the stop bit from the previous character has
been shifted out. The shift register is loaded immediately.
•
A new character is written to UDR before the stop bit from the previous character
has been shifted out. The shift register is loaded when the stop bit of the character
currently being transmitted is shifted out.
If the 10(11)-bit Transmitter shift register is empty, data is transferred from UDR to the
shift register. The UDRE (UART Data Register Empty) bit in the UART Status Register,
USR, is set. When this bit is set (one), the UART is ready to receive the next character.
At the same time as the data is transferred from UDR to the 10(11)-bit shift register, bit 0
of the shift register is cleared (start bit) and bit 9 or 10 is set (stop bit). If 9-bit data word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com