Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC18730EP/R2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
POWER SUPPLY VO1, VO2: LI-ION
The VB voltage falls and is output to VO1. When using
Li_ion, duty limit due to DTC1 is not applied to the switch.
When RSTO2B(int) is High, the power switch turns ON to
output the VO1 voltage to VCC1. Capacitance value which is
connected to VO1 should be higher than the capacitor
connected to VCC1.
The VB voltage falls using only the internal transistor and
is output to VO2. When using Li_ion, duty limit due to DTC2
is not applied to the switch, and DW_2T and DW_2B are Low.
When RSTO2B(int) is High, the power switch turns ON to
output the VO2IN voltage to VCC2. If you turn DDC2 OFF
using the register, the power switch 2 also turns OFF.
Capacitance value which is connected to VO2IN should be
higher than the capacitor connected to VCC2.
Table 11. Output Voltage of VO2
Address : 0100(31)
B7
B6
B5
B4
B3
B2
B1
S_Off_VO2
VO2 [V]
L
L
LL
LL
L
X
0.805
L
L
LL
LL
H
X
0.811
L
L
L
L
L
H
L
X
0.816
L
L
L
L
H
L
L
X
0.827
L
L
L
H
L
L
L
X
0.849
L
L
H
L
L
L
L
X
0.893
L
H
LL
LL
L
X
0.980
H
L
LL
LL
L
X
1.155
H
L
LL
LL
H
X
1.161
H
L
L
L
L
H
L
X
1.166
H
L
L
L
H
L
L
X
1.177
H
L
L
H
L
L
L
X
1.199
H
L
H
L
L
L
L
X
1.243
H
H
LL
LL
L
X
1.330
H
H
H
HHH
H
X
1.500
Notes
31.
All combinations of input are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com