Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC18730EP/R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Table 15. VG Duty Settings
Address : 0010
Ext/Int
Half Freq
RSTB sleep
S_Off_VG
VG_Duty[3]
VG_Duty[2]
VG_Duty[1]
VG_Duty[0]
Duty
X
X
X
X
LLLL
90 %
X
X
X
X
LLL
H
86 %
XX
X
X
L
L
H
L
82 %
XX
X
X
L
H
L
L
74 %
X
X
X
X
H
LLL
58 %
XX
X
X
H
L
L
H
54 %
X
X
X
X
HLHL
50 %
XX
X
X
H
H
L
L
42 %
X
X
X
X
HHHH
30 %
Table 16. VG Voltage Settings and VGSEL1 and 2 Pin Connection
VGSEL1
VGSEL2
VG [V]
GND
GND
6.0
GND
VB
5.5
VB
GND
5.0
VB
VB
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com