Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC18730EP/R2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
VG GENERATOR
Figure 10. Circuit when using a Step-Up Converter
When WAKE (int) goes High from Low, the start-up circuit
raises the VB voltage and outputs it to VG, then outputs the
VG voltage when RSTO1B (int) goes High. The charge pump
circuit can be used for both Ni_mh and Li_ion by setting the
necessary registers. The charge pump circuit is disabled by
default.
The VG voltage can be set to 6 V to 4.5 V according to the
combination of VGSEL1 and 2 pin connections. Refer to
Table 16, VG Voltage Settings and VGSEL1 and 2 Pin
Connection on page 24 for the VG voltage settings.
When using a charge pump, please refer to Figure 11.
Figure 11. Circuit When Using a Charge Pump
VG
VB
VG
Step-Up
Pre Driver
VG
LG
Start Up
VB
VG
PGND3
VG_select
VG_duty
VG
VB
VG
Step-Up
Pre Driver
VG
LG
Start Up
VB
VG
VGH
CPoff
VB
VG
C1L
PGND3
VG_select
VG_duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com