Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC18730EP/R2 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
18730
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SREG2_V[7]: Reference DAC MSB
1 = SREG2_V[7] on
0 = SREG2_V[7] off
SREG2_V[6] : Reference DAC Bit6
1 = SREG2_V[6] on
0 = SREG2_V[6] off
SREG2_V[5] : Reference DAC Bit5
1 = SREG2_V[5] on
0 = SREG2_V[5] off
SREG2_V[4] : Reference DAC Bit4
1 = SREG2_V[4] on
0 = SREG2_V[4] off
SREG2_V[3] : Reference DAC Bit3
1 = SREG2_V[3] on
0 = SREG2_V[3] off
SREG2_V[2] : Reference DAC Bit2
1 = SREG2_V[2] on
0 = SREG2_V[2] off
SREG2_V[1] : Reference DAC Bit1
1 = SREG2_V[1] on
0 = SREG2_V[1] off
SREG2_V[0]: Reference DAC LSB
1 = SREG2_V[0] on
0 = SREG2_V[0] off
Refer to Table 13, Output Voltage of SREG2 on page 22
for the correspondence between the output voltage and
register settings.
SREG3_V[5] : Reference DAC MSB
1 = SREG3_V[5] on
0 = SREG3_V[5] off
SREG3_V[4] : Reference DAC Bit4
1 = SREG3_V[4] on
0 = SREG3_V[4] off
SREG3_V[3] : Reference DAC Bit3
1 = SREG3_V[3] on
0 = SREG3_V[3] off
SREG3_V[2] : Reference DAC Bit2
1 = SREG3_V[2] on
0 = SREG3_V[2] off
SREG3_V[1] : Reference DAC Bit1
1 = SREG3_V[1] on
0 = SREG3_V[1] off
SREG3_V[0]: Reference DAC LSB
1 = SREG3_V[0] on
0 = SREG3_V[0] off
CP Off : Charge Pump Control
1 = Charge Pump off
0 = Charge Pump on
EXTG On : EXT_G_ON Control *
1 = EXT_G_ON is low (GND level)
0 = EXT_G_ON is high (VG level)
EXTG On Register is assumed to use Pch FET as external
MOSFET.
If Nch FET will be used, Control logic should be inverted.
Refer to Table 14, Output Voltage of SREG3 on page 22
for the correspondence between the output voltage and
register settings.
Table 23. Regulator2 Output Voltage Register
0110
Data1
Data2
Bit
32
1
03210
Name
SREG2_V[7]
SREG2_V[6]
SREG2_V[5]
SREG2_V[4]
SREG2_V[3]
SREG2_V[2]
SREG2_V[1]
SREG2_V[0]
Default
11
1
11111
Table 24. Regulator3 Output Voltage Register
0111
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
SREG3_V[5]
SREG3_V[4]
SREG3_V[3]
SREG3_V[2]
SREG3_V[1]
SREG3_V[0]
CP Off
EXTG On
Default
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com