Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE5014 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG TLE5014 Datasheet HTML 35Page - Infineon Technologies AG TLE5014 Datasheet HTML 36Page - Infineon Technologies AG TLE5014 Datasheet HTML 37Page - Infineon Technologies AG TLE5014 Datasheet HTML 38Page - Infineon Technologies AG TLE5014 Datasheet HTML 39Page - Infineon Technologies AG TLE5014 Datasheet HTML 40Page - Infineon Technologies AG TLE5014 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Final Datasheet
37
Rev. 1.0
2018-04-04
TLE5014
Pre-Configured Derivatives
6
Pre-Configured Derivatives
Derivatives of the TLE5014 are available with different pre-configured register settings for specific application
(“settings”). For each derivative with such settings, the interface type is locked and cannot be changed. Only
the derivatives with such settings have been released for production by Infineon.
Other settings/parameters for other applications could be adjusted but such adjusted settings would not have
been released for production by Infineon.
Furthermore, the available safety analysis and safety manual does only include these preconfigured
derivatives.
6.1
TLE5014C16
The sensor has SPC as predefined interface which is locked and cannot be changed.
The predefined SPC configuration of TLE5014C16 is shown below:
Following parameters and values are allowed to modify:
• SPC unit time: 1.5µs / 2.5µs
• Short serial message: enable / disable
• Rolling counter in CRC: enable /disable
• SPC ID: 0 / 1 / 2 / 3
6.2
TLE5014S16
The sensor has SENT as predefined interface which is locked and cannot be changed.
The predefined SENT configuration of TLE5014S16 is shown below:
Following parameters and values are allowed to modify:
• Short serial message: enable / disable
• Pause pulse: enable /disable
Table 6-1
SPC Derivative Configuration TLE5014C16
Interface
SPC unit time
SPC low time
SPC Trigger
Short Serial Message
SPC
2.5µs
5UT
constant 90UT
enabled
Table 6-2
SPC Derivative Configuration TLE5014C16
Rolling Counter
Rolling Counter in CRC Look-up Table
SPC ID
Output driver
enabled
disabled
enabled, preconfigured
00B
open drain w/
controlled slope
Table 6-3
SENT Derivative Configuration TLE5014S16
Interface
SENT unit time
SENT low time
SENT Protocol Type Short Serial Message
SENT
3.0µs
5UT
single secure sensor enabled
Table 6-4
SENT Derivative Configuration TLE5014S16
SENT Error Indication
SENT Data Range Pause Pulse Look-up Table
Output driver
error code 4091 enabled 1 ... 4088
enabled
enabled, preconfigured push/pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com