Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE5014 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5014
Description  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 10Page - Infineon Technologies AG TLE5014 Datasheet HTML 11Page - Infineon Technologies AG TLE5014 Datasheet HTML 12Page - Infineon Technologies AG TLE5014 Datasheet HTML 13Page - Infineon Technologies AG TLE5014 Datasheet HTML 14Page - Infineon Technologies AG TLE5014 Datasheet HTML 15Page - Infineon Technologies AG TLE5014 Datasheet HTML 16Page - Infineon Technologies AG TLE5014 Datasheet HTML 17Page - Infineon Technologies AG TLE5014 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
20
30
40
50
60
70
80
90
100
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature (°C)
Final Datasheet
14
Rev. 1.0
2018-04-04
TLE5014
Specification
The operating range of the magnetic field describes the field values where the performance of the sensor,
especially the accuracy, is as specified in Table 3-11 and Table 3-12. This value is valid for a NdFeB magnet with
a Tc of -1300ppm/K. In case a different magnet is used, the individual Tc of this magnet has to be considered
and ensured that the limits are not exceeded. The allowed magnetic field range for the ambient temperature
range is given in Figure 3-1.
The below figure Figure 3-1 shows the magnetic field range which shall not be exceeded during operation at
the respective ambient temperature. The temperature dependency of the magnetic field is based on a NdBFe
magnet with Tc = -1300ppm/K.
Figure 3-1 Allowed magnetic field range within ambient temperature range.
It is also possible to widen the magnetic field range for higher temperatures. In that case, additional angle
errors have to be considered.
Table 3-6
Magnetic Field Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Angle measurement field
range @ 25°C
B25
80
mT
TA = 25°C, valid for NdFeB
magnet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com