Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-150 Datasheet(PDF) 34 Page - Intel Corporation

Part # JS28F256J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 Datasheet(HTML) 34 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 30Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 31Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 32Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 33Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 34Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 35Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 36Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 37Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
256-Mbit J3 (x8/x16)
34
Datasheet
9.1.4
Standby
CE0, CE1, and CE2 can disable the device (see Table 13 on page 33) and place it in standby mode.
This manipulation of CEx substantially reduces device power consumption. D[15:0] outputs are
placed in a high-impedance state independent of OE#. If deselected during block erase, program, or
lock-bit configuration, the WSM continues functioning, and consuming active power until the
operation completes.
9.1.5
Reset/Power-Down
RP# at VIL initiates the reset/power-down mode.
In read modes, RP#-low deselects the memory, places output drivers in a high-impedance state, and
turns off numerous internal circuits. RP# must be held low for a minimum of tPLPH. Time tPHQV is
required after return from reset mode until initial memory access outputs are valid. After this wake-
up interval, normal operation is restored. The CUI is reset to read array mode and Status Register is
set to 0x80.
During block erase, program, or lock-bit configuration modes, RP#-low will abort the operation. In
default mode, STS transitions low and remains low for a maximum time of tPLPH + tPHRH until the
reset operation is complete. Memory contents being altered are no longer valid; the data may be
partially corrupted after a program or partially altered after an erase or lock-bit configuration. Time
tPHWL is required after RP# goes to logic-high (VIH) before another command can be written.
As with any automated device, it is important to assert RP# during system reset. When the system
comes out of reset, it expects to read from the flash memory. Automated flash memories provide
status information when accessed during block erase, program, or lock-bit configuration modes. If
a CPU reset occurs with no flash memory reset, proper initialization may not occur because the
flash memory may be providing status information instead of array data. Intel StrataFlash
®
memory family devices allow proper initialization following a system reset through the use of the
RP# input. In this application, RP# is controlled by the same RESET# signal that resets the system
CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com