Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-150 Datasheet(PDF) 36 Page - Intel Corporation

Part # JS28F256J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 Datasheet(HTML) 36 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 32Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 33Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 34Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 35Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 36Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 37Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 38Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 39Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
256-Mbit J3 (x8/x16)
36
Datasheet
Clear Block Lock-Bits
SCS
2
Write
X
0x60
Write
X
0xD0
1,15
Protection Program
2
Write
X
0xC0
Write
PA
PD
1
NOTES:
1. Commands other than those shown above are reserved by Intel for future device implementations and should not be used.
2. The Basic Command Set (BCS) is the same as the 28F008SA Command Set or Intel Standard Command Set. The Scalable
Command Set (SCS) is also referred to as the Intel Extended Command Set.
3. Bus operations are defined in Table 12.
4. X = Any valid address within the device.
BA = Address within the block.
IA = Identifier Code Address: see Table 17.
QA = Query database Address.
PA = Address of memory location to be programmed.
RCD = Data to be written to the read configuration register. This data is presented to the device on A[16:1]; all other address
inputs are ignored.
5. ID = Data read from Identifier Codes.
QD = Data read from Query database.
SRD = Data read from Status Register. See Table 18 for a description of the Status Register bits.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE#.
CC = Configuration Code.
6. The upper byte of the data bus (D[15:8]) during command writes is a “Don’t Care” in x16 operation.
7. Following the Read Identifier Codes command, read operations access manufacturer, device and block lock codes. See
Section 10.2 for read identifier code data.
8. If the WSM is running, only D7 is valid; D[15:8] and D[6:0] float, which places them in a high-impedance state.
9. After the Write to Buffer command is issued check the XSR to make sure a buffer is available for writing.
10.The number of bytes/words to be written to the Write Buffer = N + 1, where N = byte/word count argument. Count ranges on
this device for byte mode are N = 00H to N = 1FH and for word mode are N = 0x00 to N = 0x0F. The third and consecutive
bus cycles, as determined by N, are for writing data into the Write Buffer. The Confirm command (0xD0) is expected after
exactly N + 1 write cycles; any other command at that point in the sequence aborts the write to buffer operation. See Figure
18, “Write to Buffer Flowchart” on page 59 for additional information
11. The write to buffer or erase operation does not begin until a Confirm command (0xD0) is issued.
12.Attempts to issue a block erase or program to a locked block.
13.Either 0x40 or 0x10 are recognized by the WSM as the byte/word program setup.
14.Program suspends can be issued after either the Write-to-Buffer or Word/Byte-Program operation is initiated.
15.The clear block lock-bits operation simultaneously clears all block lock-bits.
Table 14. Command Bus-Cycle Definitions (Sheet 2 of 2)
Command
Scalable or
Basic
Command
Set
(2)
Bus
Cycles
Req’d.
First Bus Cycle
Second Bus Cycle
Notes
Oper
(3)
Addr
(4)
Data
(5,6)
Oper
(3)
Addr
(4)
Data
(5,6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com