Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-150 Datasheet(PDF) 43 Page - Intel Corporation

Part # JS28F256J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 Datasheet(HTML) 43 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 39Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 40Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 41Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 42Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 43Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 44Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 45Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 46Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
43
After the final buffer data is given, a Write Confirm command is issued. This initiates the WSM
(Write State Machine) to begin copying the buffer data to the flash array. If a command other than
Write Confirm is written to the device, an “Invalid Command/Sequence” error will be generated
and SR.5 and SR.4 will be set. For additional buffer writes, issue another Write to Buffer Setup
command and check XSR.7.
If an error occurs while writing, the device will stop writing, and SR.4 will be set to indicate a
program failure. The internal WSM verify only detects errors for “1”s that do not successfully
program to “0”s. If a program error is detected, the Status Register should be cleared. Any time
SR.4 and/or SR.5 is set (e.g., a media failure occurs during a program or an erase), the device will
not accept any more Write to Buffer commands. Additionally, if the user attempts to program past
an erase block boundary with a Write to Buffer command, the device will abort the write to buffer
operation. This will generate an “Invalid Command/Sequence” error and SR.5 and SR.4 will be set.
Reliable buffered writes can only occur when VPEN = VPENH. If a buffered write is attempted
while VPEN ≤ VPENLK, SR.4 and SR.3 will be set. Buffered write attempts with invalid VCC and
VPEN voltages produce spurious results and should not be attempted. Finally, successful
programming requires that the corresponding block lock-bit be reset. If a buffered write is
attempted when the corresponding block lock-bit is set, SR.1 and SR.4 will be set.
11.3
Program Suspend
The Program Suspend command allows program interruption to read data in other flash memory
locations. Once the programming process starts (either by initiating a write to buffer or byte/word
program operation), writing the Program Suspend command requests that the WSM suspend the
program sequence at a predetermined point in the algorithm. The device continues to output SRD
when read after the Program Suspend command is written. Polling SR.7 can determine when the
programming operation has been suspended. When SR.7 = 1, SR.2 should also be set, indicating
that the device is in the program suspend mode. STS in level RY/BY# mode will also transition to
VOH. Specification tWHRH1 defines the program suspend latency.
At this point, a Read Array command can be written to read data from locations other than that
which is suspended. The only other valid commands while programming is suspended are Read
Query, Read Status Register, Clear Status Register, Configure, and Program Resume. After a
Program Resume command is written, the WSM will continue the programming process. SR.2 and
SR.7 will automatically clear and STS in RY/BY# mode will return to VOL. After the Program
Resume command is written, the device automatically outputs SRD when read. VPEN must remain
at VPENH and VCC must remain at valid VCC levels (the same VPEN and VCC levels used for
programming) while in program suspend mode. Refer to Figure 21, “Program Suspend/Resume
Flowchart” on page 62.
11.4
Program Resume
To resume (i.e., continue) a program suspend operation, execute the Program Resume command.
The Resume command can be written to any device address. When a program operation is nested
within an erase suspend operation and the Program Suspend command is issued, the device will
suspend the program operation. When the Resume command is issued, the device will resume and
complete the program operation. Once the nested program operation is completed, an additional
Resume command is required to complete the block erase operation. The device supports a
maximum suspend/resume of two nested routines. See Figure 21, “Program Suspend/Resume
Flowchart” on page 62).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com