Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-150 Datasheet(PDF) 59 Page - Intel Corporation

Part # JS28F256J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 Datasheet(HTML) 59 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 55Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 56Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 57Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 58Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 59Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 60Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 61Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 62Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
59
Appendix B Flow Charts
Figure 18. Write to Buffer Flowchart
Start
Setup
- Write 0xE8
- Block Address
Check Buffer Status
- Perform read operation
- Read Ready Status on signal SR7
SR7 = 1?
Word Count
- Address = block address
- Data =word count minus 1
(Valid range = 0x00 to0x1F)
Confirm
- Write 0xD0
- Block address
End
Yes
No
Yes
SR7 = 1?
No
Load Buffer
- Fill write buffer up to word count
- Address = within buffer range
- Data = user data
Read Status
Register (SR)
Full Status Register
Check
(if desired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com