Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMV71Q20 Datasheet(PDF) 25 Page - Microchip Technology

Part # SAMV71Q20
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71Q20 Datasheet(HTML) 25 Page - Microchip Technology

Back Button SAMV71Q20 Datasheet HTML 21Page - Microchip Technology SAMV71Q20 Datasheet HTML 22Page - Microchip Technology SAMV71Q20 Datasheet HTML 23Page - Microchip Technology SAMV71Q20 Datasheet HTML 24Page - Microchip Technology SAMV71Q20 Datasheet HTML 25Page - Microchip Technology SAMV71Q20 Datasheet HTML 26Page - Microchip Technology SAMV71Q20 Datasheet HTML 27Page - Microchip Technology SAMV71Q20 Datasheet HTML 28Page - Microchip Technology SAMV71Q20 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
12.
Power Management Controller (PMC)
12.1
Wait Mode Exit Fail from Flash
The delay to exit from Wait mode is too short to respect the Flash wake-up time from Stand-by mode and
Deep Power-down mode. This delay may lead to bad opcode fetching.
Workaround 1
If Flash in Stand-by mode (FLPM = 0) or in Deep Power-down mode (FLPM = 1) is used, run the wake-up
routine from SRAM. This option provides a slight improvement in power consumption.
Workaround 2
If Flash in Stand-by mode (FLPM = 0) or in Deep Power-down mode (FLPM = 1) is used, run the wake-up
routine from SRAM. This option provides a slight improvement in power consumption.
Affected Silicon Revisions
A
B
X
X
12.2
PMC_OCR Register Calibration Reporting
When reading the PMC_OCR register with the SEL8 and SEL12 bits cleared, the CAL8 and CAL12 bits
are not updated with the manufacturing calibration bits of the Main RC Oscillator. However, the Main RC
Oscillator is loaded with this manufacturing calibration data.
Workaround
To recover the manufacturing calibration bits of the Main RC oscillator, use the following steps:
1.
Execute the ‘Get CALIB Bit’ command by writing the FCMD bit in the EEFC_FCR register with the
GCALB command.
2.
Read the EEFC_FRR register. The 8 MHz RC calibration bits are EEFC_FRR bits [17-11] and the
the 12 MHz RC calibration bits are EEFC_FRR bits [25-19].
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Power Management Controller (PMC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com