| Electronic Components Datasheet Search |
|
SAMV71Q20 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71Q20 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 41 page ![]() ...........continued Module Item and Feature Summary Affected Silicon Revisions A B FFPI 7.1 Flash Programming The FFPI programs only 1 MB of Flash memory. X GMAC 8.1 Priority Queues On Revision A silicon, only three priority queues are available. X I2SC 9.1 Module Availability The Inter-IC Sound Controller (I2SC) is not available. X I2SC 9.2 Corrupted First Sent Data Immediately after the I2SC module is reset, the first data sent by the controller on the I2SDO line is corrupted. X MCAN 10.1 Non-ISO Operation The default frame format on Revision A silicon does not match the default format specified in the current device data sheet. X MCAN 10.2 MCAN_CCCR Register In Revision A silicon, the MCAN CC Control register content does not match the content of the current device data sheet. X MCAN 10.3 Transmitter Delay Compensation Value (TDCV) Bits In Revision A silicon, the Transmitter Delay Compensation Value (TDCV) bit field does not match the content in the current device data sheet. X MCAN 10.4 MCAN_PSR Register In Revision A silicon, the content of the MCAN Protocol Status register differs from the content in the current device data sheet. X MCAN 10.5 MCAN_IR Register In Revision A silicon, the content of the MCAN Interrupt register differs from the content in the current device data sheet. X MCAN 10.6 MCAN_IE Register On Revision A silicon, the content in the MCAN Interrupt Enable register does not match the content in the current device data sheet. X MCAN 10.7 MCAN_ILS Register On Revision A silicon, the content in the MCAN Interrupt Line Support Register does not match the content in the current device data sheet. X SAM E70/S70/V70/V71 Family Silicon Issue Summary © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |