| Electronic Components Datasheet Search |
|
SAMV71Q20 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71Q20 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 41 page ![]() ...........continued Module Item and Feature Summary Affected Silicon Revisions A B MCAN 10.8 MCAN Data Bit Timing and Prescaler Register On Revision A silicon, the MCAN Data Bit Timing and Prescaler register (MCAN_DBTP) is named MCAN Fast Bit Timing and Prescaler register (MCAN_FBTP). X MCAN 10.9 MCAN Nominal Bit Timing and Prescaler Register On Revision A silicon, the MCAN Nominal Bit Timing and Prescaler register (MCAN_NBTP) is named MCAN Bit Timing and Prescaler register (MCAN_BTP). X MCAN 10.10 MCAN Transmitter Delay Compensation Register In Revision A silicon, the MCAN Transmitter Delay Compensation Register (MCAN_TDCR) does not exist. X MCAN 10.11 Timestamping Function On Revision A silicon, TC Counter 0 is not connected to PCK6 and PCK7; therefore, the timestamping functionality does not exist. X PIO 11.1 PIO Line Configuration for AFEC and DACC Analog Inputs To enable the analog inputs, AFE_ADx or DACx, the pull-up resistors on the I/O lines must be disabled in the PIO user interface prior to writing registers AFEC_CHER or DACC_CHER. X X PMC 12.1 Wait Mode Exit Fail from Flash The delay to exit from Wait mode is too short to respect the Flash wake-up time from Stand-by mode and Deep Power- down mode. This delay may lead to bad opcode fetching. X X PMC 12.2 PMC_OCR Register Calibration Reporting When reading the PMC_OCR register with the SEL8 and SEL12 bits cleared, the CAL8 and CAL12 bits are not updated with the manufacturing calibration bits of the Main RC Oscillator. However, the Main RC Oscillator is loaded with this manufacturing calibration data. X X QSPI 13.1 Module Hangs with Long DLYCS The QSPI module hangs if a command is written to any QSPI register during the delay defined in the DLYCS bit. There is no status bit to flag the end of the delay. X X SAM E70/S70/V70/V71 Family Silicon Issue Summary © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |