| Electronic Components Datasheet Search |
|
SAMV71Q20 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71Q20 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 41 page ![]() 1. Silicon Issue Summary Table 1-1. Silicon Issue Summary Module Item and Feature Summary Affected Silicon Revisions A B AFEC 2.1 Write Protection The AFEC_CSELR register is not write- protected. X X AFEC 2.2 Performance The AFEC is sensitive to noise. Too much noise may lead to reduced AFEC performance, especially INL, DNL and SNR. X X AFEC 2.3 AOFF bit Changing the AOFF bit in the AFEC_COCR register during conversions is not safe. X X ARM Cortex- M7 3.1 ARM® Cortex®-M7 All issues related to the ARM r0p1 (for MRLA) and r1p1 (and MRLB) cores are described on the ARM site. X X Boundary Scan Mode 4.1 Internal Regulator The internal regulator is OFF in Boundary Scan mode. X Device 5.1 AHB Peripheral (AHBP) Port Frequency Ratio Peripheral accesses done through the AHBP with a Core/Bus ratio of 1/3 and 1/4 may lead to unpredictable results. X X Device 5.2 AHB Slave (AHBS) Port Latency Access DMA accesses done through the AHBS to the TCM with a Core/Bus ratio of 1/2, 1/3, and 1/4 may lead to latency due to one Wait state added to the access from the bus to AHBS. X XDMAC 6.1 TCM Accesses If TCM accesses are generated through the AHBS port of the core, only 32-bit accesses are supported. X X XDMAC 6.2 Byte and Half-Word Accesses If XDMAC is used to transfer 8-bit or 16- bit data in Fixed Source Address mode or Fixed Destination Address mode, source and destination addresses are incremented by 8-bit or 16-bit. X X XDMAC 6.3 Request Overflow Error When a DMA memory-to-memory transfer is performed, if the hardware request line selected by the field PERID bit in the XDMAC_CCx register toggles when the copy is enabled, the ROIS bit in the XDMAC_CISx register is set incorrectly. X X SAM E70/S70/V70/V71 Family Silicon Issue Summary © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |