Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2M3W64CC Datasheet(PDF) 17 Page - Intel Corporation

Part # STK2M3W64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 17 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 13Page - Intel Corporation STK2M3W64CC Datasheet HTML 14Page - Intel Corporation STK2M3W64CC Datasheet HTML 15Page - Intel Corporation STK2M3W64CC Datasheet HTML 16Page - Intel Corporation STK2M3W64CC Datasheet HTML 17Page - Intel Corporation STK2M3W64CC Datasheet HTML 18Page - Intel Corporation STK2M3W64CC Datasheet HTML 19Page - Intel Corporation STK2M3W64CC Datasheet HTML 20Page - Intel Corporation STK2M3W64CC Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Overview of BIOS Features
17
1.11.1.2
Wake-up Devices and Events
Table 5 lists the devices or specific events that can wake the Compute Stick from specific states.
Table 5. Wake-up Devices and Events
Devices/events that wake up the system…
…from this sleep state
Comments
Power switch
S3, S4, S5
RTC alarm
S3, S4, S5
(Note 1)
Monitor to remain in sleep state
Wireless LAN (only on STK2MV64CC)
S3, S4, S5
(Notes 1, 2)
“S5 WOL after G3” supported; monitor to
remain in sleep state
USB
S3, S4, S5
(Note 3, 4)
Wake S4, S5 controlled by BIOS option
Bluetooth
S3
Notes:
1.
Monitor will remain in “sleep” state
2.
“S5 WoL after G3” only supported w/Deep Sleep disabled
3.
Wake from S4 and S5 only supported w/Deep Sleep disabled
4.
Wake from device/event not supported immediately upon return from AC loss
NOTE
The use of these wake-up events from an ACPI state requires an operating system that provides
full ACPI support. In addition, software, drivers, and peripherals must fully support ACPI wake
events.
1.11.2
Hardware Support
Power management hardware features include:
Wake from Power Button signal
Instantly Available PC technology
Wireless LAN wake capabilities
Wake from USB
Wake from S5
NOTE
The use of Wake from USB from an ACPI state requires an operating system that provides full ACPI
support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com