Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2M3W64CC Datasheet(PDF) 18 Page - Intel Corporation

Part # STK2M3W64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 18 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 14Page - Intel Corporation STK2M3W64CC Datasheet HTML 15Page - Intel Corporation STK2M3W64CC Datasheet HTML 16Page - Intel Corporation STK2M3W64CC Datasheet HTML 17Page - Intel Corporation STK2M3W64CC Datasheet HTML 18Page - Intel Corporation STK2M3W64CC Datasheet HTML 19Page - Intel Corporation STK2M3W64CC Datasheet HTML 20Page - Intel Corporation STK2M3W64CC Datasheet HTML 21Page - Intel Corporation STK2M3W64CC Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
1.11.2.1
Power Input
When resuming from an AC power failure, the Compute Stick may return to the power state it was
in before power was interrupted (on or off). The Compute Stick’s response can be set using the
Last Power State feature in the BIOS Setup program’s Boot menu.
1.11.2.2
Instantly Available PC Technology
Instantly Available PC technology enables the Compute Stick to enter the ACPI S3 (Suspend-to-
RAM) sleep-state. While in the S3 sleep-state, the computer will appear to be off (the power
supply is off, and the front panel off). When signaled by a wake-up device or event, the system
quickly returns to its last known wake state. Table 5 on page 17 lists the devices and events that
can wake the Compute Stick from the S3 state.
The use of Instantly Available PC technology requires operating system.
1.11.2.3
Wireless LAN Wake Capabilities
Wireless LAN wake capabilities enable remote wake-up of the Compute Stick through a network.
The Wireless LAN subsystem monitors network traffic at the Media Independent Interface. Upon
detecting a Magic Packet* frame, the Wireless LAN subsystem asserts a wake-up signal that
powers up the Compute Stick. Only available on STK2MV64CC.
1.11.2.4
Wake from USB
USB bus activity wakes the Compute Stick from an ACPI S3, S4, and S5 states.
NOTE
Wake from USB requires the use of a USB peripheral that supports Wake from USB.
1.11.2.5
Wake from S5
When the RTC Date and Time is set in the BIOS, the Compute Stick will automatically wake from
an ACPI S5 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com