Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2M3W64CC Datasheet(PDF) 28 Page - Intel Corporation

Part # STK2M3W64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 28 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 24Page - Intel Corporation STK2M3W64CC Datasheet HTML 25Page - Intel Corporation STK2M3W64CC Datasheet HTML 26Page - Intel Corporation STK2M3W64CC Datasheet HTML 27Page - Intel Corporation STK2M3W64CC Datasheet HTML 28Page - Intel Corporation STK2M3W64CC Datasheet HTML 29Page - Intel Corporation STK2M3W64CC Datasheet HTML 30Page - Intel Corporation STK2M3W64CC Datasheet HTML 31Page - Intel Corporation STK2M3W64CC Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
2.5
Environmental
Table 7 lists the environmental specifications for the Compute Stick.
Table 7. Environmental Specifications
Parameter
Specification
Temperature
Non-Operating
-40 C to +60 C
Operating
0 C to +35 C
The operating temperature of the Compute Stick may be determined by measuring the air
temperature from the outside of the chassis while the system is in operation1.
Shock
Unpackaged
80cm drop
Packaged
Half sine 2 millisecond
Product Weight (pounds)
Free Fall (inches)
Velocity Change (inches/s²)
<20
36
167
21-40
30
152
41-80
24
136
81-100
18
118
Vibration
Unpackaged
5 Hz to 20 Hz: 0.01 g² Hz sloping up to 0.02 g² Hz
20 Hz to 500 Hz: 0.02 g² Hz (flat)
Packaged
5 Hz to 40 Hz: 0.015 g² Hz (flat)
40 Hz to 500 Hz: 0.015 g² Hz sloping down to 0.00015 g² Hz
1 Before attempting to operate the Compute Stick, the overall temperature of the Compute Stick must be above the
minimum and below the maximum operating temperatures specified. The operating and non-operating environment
must avoid condensing humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com