Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2M3W64CC Datasheet(PDF) 24 Page - Intel Corporation

Part # STK2M3W64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2M3W64CC Datasheet(HTML) 24 Page - Intel Corporation

Back Button STK2M3W64CC Datasheet HTML 20Page - Intel Corporation STK2M3W64CC Datasheet HTML 21Page - Intel Corporation STK2M3W64CC Datasheet HTML 22Page - Intel Corporation STK2M3W64CC Datasheet HTML 23Page - Intel Corporation STK2M3W64CC Datasheet HTML 24Page - Intel Corporation STK2M3W64CC Datasheet HTML 25Page - Intel Corporation STK2M3W64CC Datasheet HTML 26Page - Intel Corporation STK2M3W64CC Datasheet HTML 27Page - Intel Corporation STK2M3W64CC Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
2.2.3
Power Adapter Connector
The Intel Compute Stick is powered through a USB 5V DC connector on the side. The maximum
current rating is 4A.
Figure 6. Power Adapter Connector
2.2.4
Power Adapter and USB Hub
The Intel Compute Stick uses a 5V 4A AC to DC power adapter with a built in 2-port USB 3.0 Hub.
The power adapter is connected to the Intel Compute Stick via a six foot USB Type C cable.
Each USB 3.0 port supports compliant USB devices. Bootable USB devices are supported. Each
USB 3.0 port supports a maximum current of 900 mA. The USB 3.0 port is super-speed, high-
speed, full-speed, and low-speed capable.
Item
Description
A
5 V DC Connector
B
USB 3.0 connectors
Figure 7. Power Adapter and USB Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com