Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1024RDBUG Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
• Software-selectable serial interface data format that includes:
• Data length
• Parity
• 1/1.5/2 STOP bit
• Baud rate
• Overrun, parity, and framing error detection
The UART ports are routed to the RJ45 connectors, as shown in the below figure.
Figure 2-16. UART ports, routed to RJ45 connectors
The below table shows the connection settings for the UART RJ45 connector to the DB9
female cable connection.
Table 2-4. RJ45 to DB9 connection settings
RJ45 pin number
RS-232 signal
DB9 female pin number
1
RTS
8
2
NC
3
TXD
2
4
GND
5
GND
5
6
RXD
3
7
NC
8
CTS
7
Before powering up the T1024RDB card, configure the serial port of the attached
computer with the following values:
• Data rate: 115200 bit/s
• Number of data bits: 8
UART
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
26
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com