| Electronic Components Datasheet Search |
|
T1024RDBUG Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024RDBUG Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 49 page ![]() Chapter 1 Overview The T1024 Reference Design Board (T1024RDB) is a high-performance computing evaluation, development, and test platform supporting the QorIQ T1024 Power Architecture® processor. The T1024RDB is optimized to support the high-bandwidth DDR3L memory and a full complement of high-speed SerDes ports. 1.1 Related documentation The table below lists and explains the additional documents that you can refer to, for more information about T1024RDB. Some of the documents listed below may be available only under a non-disclosure agreement (NDA). To request access to these documents, contact your local field applications engineer or sales representative. Table 1-1. Useful references Document Description QorIQ T1024, T1014 Data Sheet (T1024EC) Provides specific data regarding bus timing, signal behavior, and AC, DC, and thermal characteristics, as well as other design considerations. QorIQ T1024 Reference Manual (T1024RM) Provides a detailed description on T1024 QorIQ multicore processor, and on some of its features, such as memory map, serial interfaces, power supply, chip features, and clock information. The T1024 QorIQ processor combines two 64-bit ISA Power Architecture® processor cores with high-performance datapath acceleration logic and network peripheral bus interfaces, required for networking and telecommunications. This chip can be used in applications, such as routers, switches, Internet access devices, firewall and other packet filtering processors, and general-purpose embedded computing. Its high-level integration offers significant performance benefits and greatly helps to simplify board design. T1024 Product Brief (T1024PB) Provides an overview of the T1024 features and its usage examples. QorIQ T1024 Reference Design Board User Guide (T1024RDBPAUG) Describes the features and operation of T1024 performance reference platform, which supports QorIQ Power Architecture® processors. Table continues on the next page... QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 Freescale Semiconductor, Inc. 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |