Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1024RDBUG Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 40Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 43Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 44Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
CPLD_FANCSR field descriptions
Field
Description
0–3
-
This field is reserved.
4–7
FAN_PWM
0000
PWM duty cycle is 0%, fan stop running.
0001~1110 PWM duty cycle is 6.7%~93.3%, fan speed control.
1111
PWM duty cycle is 100%, fan full speed.
3.1.10 Panel LED Control and Status Register (CPLD_LEDCSR)
Address: 0h base + 15h offset = 15h
Bit
0
1
2
3
4
5
6
7
Read
STS_LED
Reserved
Write
Reset
0
0
0
0
0
0
0
0
CPLD_LEDCSR field descriptions
Field
Description
0
STS_LED
Light emitting device.
0
Panel LED is on
1
Panel LED flashes at 0.5 s
1–7
-
This field is reserved.
Reserved.
3.1.11 SDHC Card Status Register (CPLD_SDSR )
Address: 0h base + 16h offset = 16h
Bit
0
1
2
3
4
5
6
7
Read
Reserved
SD_VDD
Write
Reset
0
0
0
0
0
0
0
x*
* Notes:
x depends Jumper setting.x = Undefined at reset.
•
CPLD_SDSR field descriptions
Field
Description
0–6
-
This field is reserved.
7
SD_VDD
0
SDHC card VDD voltage is 1.8V.
1
SDHC card VDD voltage is 3.3V.
Chapter 3 CPLD Specification
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com