Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T1024RDBUG Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # T1024RDBUG
Description  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 36Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 37Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 38Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 39Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 40Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 43Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
3.1.8 Flash Control and Status Register (CPLD_FLHCSR)
Address: 0h base + 13h offset = 13h
Bit
0
1
2
3
4
5
6
7
Read BOOT_SEL
BANK_OR
SW_BANK_
SEL0
SW_BANK_
SEL1
SW_BANK_
SEL2
BANK_
SEL0
BANK_
SEL1
BANK_
SEL2
Write
Reset
x*
0
x*
x*
x*
0
0
0
* Notes:
x depends DIP switch setting.x = Undefined at reset.
•
CPLD_FLHCSR field descriptions
Field
Description
0
BOOT_SEL
0
Boot from 16bit NOR flash.
1
Boot from 8bit NAND flash.
1
BANK_OR
0
NOR flash bank select from CPLD override disable.
0
NOR flash bank select from CPLD override enable.
2
SW_BANK_SEL0
0
NOR flash bank select bit0 of switch status is 0.
1
NOR flash bank select bit0 of switch status is 1.
3
SW_BANK_SEL1
0
NOR flash bank select bit1 of switch status is 0.
1
NOR flash bank select bit1 of switch status is 1.
4
SW_BANK_SEL2
0
NOR flash bank select bit2 of switch status is 0.
1
NOR flash bank select bit2 of switch status is 1.
5
BANK_SEL0
0
NOR flash bank select bit0 set 0.
1
NOR flash bank select bit0 set 1.
6
BANK_SEL1
0
NOR flash bank select bit1 set 0.
1
NOR flash bank select bit1 set 1.
7
BANK_SEL2
0
NOR flash bank select bit2 set 0.
1
NOR flash bank select bit2 set 1.
3.1.9 Fan Control and Status Register (CPLD_FANCSR)
Address: 0h base + 14h offset = 14h
Bit
0
1
2
3
4
5
6
7
Read
Reserved
FAN_PWM
Write
Reset
0
0
0
0
1
1
1
1
CPLD Memory Map/Register Definition
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
40
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com