Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960CGEFL/RV Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8960CGEFL/RV
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/RV Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8960CGEFL/RV Datasheet HTML 35Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 36Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 37Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 38Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 39Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 40Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 41Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 42Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
WM8960
Rev 4.4
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
Left Output
Mixer Control
8
LD2LO
0
Left DAC to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2LO
0
LINPUT3 to Left Output Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
LI2LOVOL
[2:0]
101
(-15dB)
LINPUT3 to Left Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R45 (2Dh)
Bypass (1)
7
LB2LO
0
Left Input Boost Mixer to Left Output
Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
LB2LOVOL
[2:0]
101
(-15dB)
Left Input Boost Mixer to Left Output
Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R37 (25h)
Right Output
Mixer Control
8
RD2RO
0
Right DAC to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2RO
0
RINPUT3 to Right Output Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
RI2ROVOL
[2:0]
101
(-15dB)
RINPUT3 to Right Output Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
R46 (2Eh)
Bypass (2)
7
RB2RO
0
Right Input Boost Mixer to Right Output
Mixer
0 = Disable (Mute)
1 = Enable Path
6:4
RB2ROVOL
[2:0]
101
(-15dB)
Right Input Boost Mixer to Right Output
Mixer Volume
000 = 0dB
...(3dB steps)
111 = -21dB
Table 22 Left and Right Output Mixer Mute and Volume Control
The mono output mixer can output, left, right, left+right or a buffered VMID. 0dB or 6dB attenuation is
selectable using MOUTVOL register bit. It is recommended to attenuate a mono mix of left and right
channels by 6dB in order to prevent clipping. This attenuation control (MOUTVOL) should not be
modified while OUT3 is enabled as this may cause an audible click noise.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Mono Out Mix
(1)
7
L2MO
0
Left Output Mixer to Mono Output Mixer
Control
0 = Left channel mix disabled
1 = Left channel mix enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com