Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960CGEFL/RV Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8960CGEFL/RV
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/RV Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8960CGEFL/RV Datasheet HTML 9Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 10Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 11Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 12Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 13Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 14Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 15Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 16Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
WM8960
Rev 4.4
13
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
1.10
0.01
0.00
5.84
17.7
1.8
1.8
3
3
1.17
0.01
0.00
6.24
20.8
1.8
3.3
3.3
3.3
1.17
0.01
0.00
6.64
24.1
3.6
3.6
5.5
3.6
2.92
0.01
0.00
7.05
35.9
1.71
1.71
2.7
2.7
2.99
0.01
0.00
5.99
21.3
1.8
1.8
3
3
3.19
0.01
0.00
6.41
25.0
1.8
3.3
3.3
3.3
3.19
0.03
0.00
6.83
28.4
3.6
3.6
5.5
3.6
7.94
0.02
0.00
7.26
54.8
1.71
1.71
2.7
2.7
3.27
0.02
0.00
6.01
21.9
1.8
1.8
3
3
3.47
0.02
0.00
6.44
25.6
1.8
3.3
3.3
3.3
3.47
0.03
0.00
6.86
29.0
3.6
3.6
5.5
3.6
8.63
0.03
0.00
7.29
57.4
1.71
1.71
2.7
2.7
3.01
0.01
0.00
5.99
21.4
1.8
1.8
3
3
3.20
0.02
0.00
6.41
25.0
1.8
3.3
3.3
3.3
3.20
0.03
0.00
6.84
28.4
3.6
3.6
5.5
3.6
7.97
0.03
0.00
7.27
54.9
RECORD MODE
Record Mode - Stereo I/P into
ADC sampling at 16kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 44.1kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 48kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 44.1kHz with
ALC enabled (no signal)
Note:
1. Power in the load is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com