Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960CGEFL/RV Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM8960CGEFL/RV
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/RV Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM8960CGEFL/RV Datasheet HTML 72Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 73Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 74Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 75Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 76Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 77Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 78Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 79Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
WM8960
76
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6:4
MAXGAIN[2:0]
0000
Set Maximum Gain of PGA (During ALC
operation)
111 : +30dB
110 : +24dB
….(-6dB steps)
001 : -6dB
000 : -12dB
Automatic Level
Control
3:0
ALCL[3:0]
1011
ALC Target (Sets signal level at ADC input)
0000 = -22.5dB FS
0001 = -21.0dB FS
… (1.5dB steps)
1101 = -3.0dB FS
1110 = -1.5dB FS
1111 = -1.5dB FS
Automatic Level
Control
R18 (12h)
ALC (2)
8
1
Reserved
7
0
Reserved
6:4
MINGAIN[2:0]
000
Set Minimum Gain of PGA (During ALC
operation)
000 = -17.25dB
001 = -11.25dB
010 = -5.25dB
011 = +0.75dB
100 = +6.75dB
101 = +12.75dB
110 = +18.75dB
111 = +24.75dB
Automatic Level
Control
3:0
HLD[3:0]
0000
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
Automatic Level
Control
R19 (13h)
ALC (3)
8
ALCMODE
0
Determines the ALC mode of operation:
0 = ALC mode
1 = Limiter mode
Automatic Level
Control
7:4
DCY[3:0]
0011
ALC decay (gain ramp-up) time
0000 = 24ms
0001 = 48ms
0010 = 96ms
… (time doubles with every step)
1010 or higher = 24.58s
Automatic Level
Control
3:0
ATK[3:0]
0010
ALC attack (gain ramp-down) time
0000 = 6ms
0001 = 12ms
0010 = 24ms
… (time doubles with every step)
1010 or higher = 6.14s
Automatic Level
Control
R20 (14h)
8
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com