Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8960CGEFL/RV Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8960CGEFL/RV
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/RV Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8960CGEFL/RV Datasheet HTML 20Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 21Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 22Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 23Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 24Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 25Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 26Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 27Page - Cirrus Logic WM8960CGEFL/RV Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
WM8960
24
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
RIZC
0
Right Input PGA Zero Cross
Detector
1 = Change gain on zero cross only
0 = Change gain immediately
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Input PGA Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable (Also enables jack
detect debounce clock)
0 = Timeout disabled
1 = Timeout enabled
1
TOCLKSEL
0
Slow Clock Selection (Used for
volume update timeouts and for jack
detect debounce)
0 = SYSCLK / 221 (Slower
Response)
1 = SYSCLK / 219 (Faster Response)
Table 4 Input PGA Volume Control
See "Volume Updates" for more information on volume update bits, zero cross and timeout operation.
LINE INPUTS
Two pairs of stereo line inputs (LINPUT2 / RINPUT2 and LINPUT3 / RINPUT3) are available as
analogue inputs into the ADC path. LINPUT3 and RINPUT3 can also be input directly to the output
mixers via the bypass paths.
See "Output Signal Path" for more information on the bypass paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com