Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA32E5 Datasheet(PDF) 52 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 52 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 48Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 49Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 50Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 51Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 52Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 53Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 54Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 55Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 52
ATxmega32E5/16E5/8E5
The clock generator includes a fractional baud rate generator that is able to generate a wide range of USART baud rates
from any system clock frequencies. This removes the need to use an external crystal oscillator with a specific frequency to
achieve a required baud rate. It also supports external clock input in synchronous slave operation.
An IRCOM module can be enabled for one USART to support IrDA 1.4 physical compliant pulse modulation and demodu-
lation for baud rates up to 115.2Kbps.
One USART can be connected to the XMEGA Custom Logic module (XCL). When used with the XCL, the data length
within an USART/SPI frame can be controlled by the peripheral counter (PEC) within the XCL. This enables configurable
frame length up to 256 bits. In addition, the TxD/RxD data can be encoded/decoded before the signal is fed into the USART
receiver, or after the signal is output from transmitter when the USART is connected to XCL LUT outputs.
When the USART is set in master SPI mode, all USART-specific logic is disabled, leaving the transmit and receive buffers,
shift registers, and baud rate generator enabled. The registers are used in both modes, but their functionality differs for
some control settings. Pin control and interrupt generation are identical in both modes.
PORTC and PORTD each has one USART. Notation of these peripherals are USARTC0 and USARTD0, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com