Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 201Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 202Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 203Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 204Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 205Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 206Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 207Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 208Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 203
PIC16F917/916/914/913
16.8
Code Protection
If
the
code
protection
bit(s)
have
not
been
programmed, the on-chip program memory can be
read out using ICSP for verification purposes.
16.9
ID Locations
Four memory locations (2000h-2003h) are designated
as ID locations where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are
readable and writable during Program/Verify mode.
Only the Least Significant 7 bits of the ID locations are
used.
16.10 In-Circuit Serial Programming
The PIC16F917/916/914/913 microcontrollers can be
serially programmed while in the end application circuit.
This is simply done with two lines for clock and data
and three other lines for:
• power
• ground
• programming voltage
This allows customers to manufacture boards with
unprogrammed devices and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a Program/Verify mode by
holding
the
RB7/ICSPDAT/ICDDAT/SEG13
and
RB6/ICSPCLK/ICDCK/SEG14 pins low, while raising the
MCLR
(VPP)
pin
from
VIL
to
VIHH.
See
“PIC16F917/916/914/913
Memory
Programming
Specification”
(DS41244)
for
more
information.
RB7/ICSPDAT/ICDDAT/SEG13
becomes
the
programming data and RB6/ICSPCLK/ICDCK/SEG14
becomes
the
programming
clock.
Both
RB7/ICSPDAT/ICDDAT/SEG13
and
RB6/ICSPCLK/ICDCK/SEG14 are Schmitt Trigger inputs
in this mode.
After Reset, to place the device into Program/Verify
mode, the Program Counter (PC) is at location 00h. A
6-bit command is then supplied to the device.
Depending on the command, 14 bits of program data
are then supplied to or from the device, depending on
whether the command was a load or a read. For
complete details of serial programming, please refer to
the “PIC16F917/916/914/913 Memory Programming
Specification” (DS41244).
A typical In-Circuit Serial Programming connection is
shown in Figure 16-11.
FIGURE 16-11:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
Note:
The entire data EEPROM and Flash
program memory will be erased when the
code protection is turned off. See the
“PIC16F917/916/914/913 Memory Pro-
gramming Specification” (DS41244) for
more information.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F917/916/
VDD
VSS
RE3/MCLR/VPP
RB6/ICSPCLK/
RB7/ICSPDATA/
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
* Isolation devices (as required)
ICDCK/SEG14
ICDDAT/SEG13
914/913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com