Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 63Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 64Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 65Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 66Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 67Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 68Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 69Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 70Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 65
PIC16F917/916/914/913
3.6
PORTE and TRISE Registers
PORTE is a 4-bit port with Schmitt Trigger input buffers.
RE<2:0> are individually configured as inputs or out-
puts. RE3 is only available as an input if MCLRE is ‘0’
in Configuration Word (Register 16-1).
RE<2:0> are only available on the PIC16F914 and
PIC16F917.
EXAMPLE 3-5:
INITIALIZING PORTE
REGISTER 3-11:
PORTE – PORTE REGISTER (ADDRESS: 09h)
REGISTER 3-12:
TRISE – PORTE TRI-STATE REGISTER (ADDRESS: 89h)
Note:
Analog lines that carry LCD signals
(i.e., SEGx, where x are segment identifi-
ers) are shown as direct connections to
the device pins. The signals are outputs
from the LCD module and may be
tri-stated, depending on the configuration
of the LCD module.
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
CLRF
PORTE
;Init PORTE
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
0Fh
;Set RE<3:0> as inputs
MOVWF
TRISE
;
CLRF
ANSEL
;Make RE<2:0> as I/O’s
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
U-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
—
RE3
RE2
RE1
RE0
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
RE<3:0>: PORTE I/O Pin bits
1
= Port pin is >VIH
0
= Port pin is <VIL
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
U-0
U-0
R-1
R/W-1
R/W-1
R/W-1
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3
TRISE3: Data Direction bit. RE3 is always an input, so this bit always reads as a ‘1’
bit 2-0
TRISE<2:0>: Data Direction bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com