Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 8Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 9Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 10Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 11Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 12Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 13Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 14Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 15Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 10
Preliminary
© 2005 Microchip Technology Inc.
TABLE 1-1:
PIC16F91X PINOUT DESCRIPTIONS
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1-/SEG12
RA0
TTL
CMOS
General purpose I/O.
AN0
AN
—
Analog input Channel 0/Comparator 1 input – negative.
C1-
—
AN
Comparator 1 negative input.
SEG12
—
AN
LCD analog output.
RA1/AN1/C2-/SEG7
RA1
TTL
CMOS
General purpose I/O.
AN1
AN
—
Analog input Channel 1/Comparator 2 input – negative.
C2-
—
AN
Comparator 2 negative input.
SEG7
—
AN
LCD analog output.
RA2/AN2/C2+/VREF-/COM2
RA2
TTL
CMOS
General purpose I/O.
AN2
AN
—
Analog input Channel 2/Comparator 2 input – positive.
C2+
—
AN
Comparator 2 positive input.
VREF-
AN
—
External Voltage Reference – negative.
COM2
—
AN
LCD analog output.
RA3/AN3/C1+/VREF+/COM3(1)/
SEG15
RA3
TTL
CMOS
General purpose I/O.
AN3
AN
—
Analog input Channel 3/Comparator 1 input – positive.
C1+
—
AN
Comparator 1 positive input.
VREF+
AN
—
External Voltage Reference – positive.
COM3(1)
—
AN
LCD analog output.
SEG15
—
AN
LCD analog output.
RA4/C1OUT/T0CKI/SEG4
RA4
TTL
CMOS
General purpose I/O.
C1OUT
—
CMOS
Comparator 1 output.
T0CKI
ST
—
Timer0 clock input.
SEG4
—
AN
LCD analog output.
RA5/AN4/C2OUT/SS/SEG5
RA5
TTL
CMOS
General purpose I/O.
AN4
AN
—
Analog input Channel 4.
C2OUT
—
CMOS
Comparator 2 output.
SS
TTL
—
Slave select input.
SEG5
—
AN
LCD analog output.
RA6/OSC2/CLKO/T1OSO
RA6
TTL
CMOS
General purpose I/O.
OSC2
—
XTAL
Crystal/Resonator.
CLKO
—
CMOS
TOSC/4 reference clock.
T1OSO
—
XTAL
Timer1 oscillator output.
RA7/OSC1/CLKI/T1OSI
RA7
TTL
CMOS
General purpose I/O.
OSC1
XTAL
—
Crystal/Resonator.
CLKI
ST
—
Clock input.
T1OSI
XTAL
—
Timer1 oscillator input.
RB0/INT/SEG0
RB0
TTL
CMOS
General purpose I/O. Individually enabled pull-up.
INT
ST
—
External interrupt pin.
SEG0
—
AN
LCD analog output.
RB1/SEG1
RB1
TTL
CMOS
General purpose I/O. Individually enabled pull-up.
SEG1
—
AN
LCD analog output.
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
D = Direct
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL = Crystal
Note 1:
COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917.
2:
Pins available on PIC16F914/917 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com