Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 68Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 69Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 70Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 71Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 72Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 73Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 74Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 75Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 70
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 4-1:
OSCCON – OSCILLATOR CONTROL REGISTER (ADDRESS: 8Fh)
U-0
R/W-1
R/W-1
R/W-0
R-q
R-0
R-0
R/W-0
—
IRCF2
IRCF1
IRCF0
OSTS(1)
HTS
LTS
SCS
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF<2:0>: Internal Oscillator Frequency Select bits
000
=31 kHz
001
=125 kHz
010
=250 kHz
011
=500 kHz
100
=1 MHz
101
=2 MHz
110
=4 MHz
111
=8 MHz
bit 3
OSTS: Oscillator Start-up Time-out Status bit
1
= Device is running from the external system clock defined by FOSC<2:0>
0
= Device is running from the internal system clock (HFINTOSC or LFINTOSC)
bit 2
HTS: HFINTOSC (High Frequency – 8 MHz to 125 kHz) Status bit
1
=HFINTOSC is stable
0
= HFINTOSC is not stable
bit 1
LTS: LFINTOSC (Low Frequency – 31 kHz) Stable bit
1
= LFINTOSC is stable
0
= LFINTOSC is not stable
bit 0
SCS: System Clock Select bit
1
= Internal oscillator is used for system clock
0
= Clock source defined by FOSC<2:0>
Note 1: The value of the OSTS bit on device power-up is dependent on the value of the
Configuration Word (CONFIG) of the device. The value of the OSTS bit will be ‘0’
on a device Power-on Reset (POR) or any automatic clock switch, which may occur
from Two-Speed Start-up or Fail-Safe Clock Monitor, if the following conditions are
true:
OSTS = 0 if:
FOSC<2:0> = 000 (LP) or 001 (XT) or 010 (HS)
and
IESO = 1 or FSCM = 1
(IESO will be enabled automatically if FSCM is enabled)
If any of the above conditions are not met, the value of the OSTS bit will be ‘1’ on
a device POR. See Section 4.6 “Two-Speed Clock Start-up Mode” and
Section 4.7 “Fail-Safe Clock Monitor” for more details.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
q = value depends on condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com