Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 192Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 193Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 194Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 195Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 196Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 197Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 198Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 199Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 194
Preliminary
© 2005 Microchip Technology Inc.
TABLE 16-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
LCDDATA3
113h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA4
114h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA5
115h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA6
116h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA7
117h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA8
118h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA9
119h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA10
11Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA11
11Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDSE0
11Ch
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE1
11Dh
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE2
11Eh
0000 0000
uuuu uuuu
uuuu uuuu
EECON1
18Ch
x--- x000
u--- q000
u--- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 16-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
TABLE 16-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
• MCLR Reset
• WDT Reset
• Brown-out Reset(1)
• Wake-up from Sleep
through interrupt
• Wake-up from Sleep
through WDT time-out
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
--01 --0x
MCLR Reset during normal operation
000h
000u uuuu
--0u --uu
MCLR Reset during Sleep
000h
0001 0uuu
--0u --uu
WDT Reset
000h
0000 uuuu
--0u --uu
WDT Wake-up
PC + 1
uuu0 0uuu
--uu --uu
Brown-out Reset
000h
0001 1uuu
--01 --10
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
--uu --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com