Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E14740API2W0 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
9
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1600
URAC = 550 V, Up-p = 1600 V, C-TOL. = ± 10 %
0.0039
7.0 x 13.5 x 17.5
15
-
2000
7.8
0.6
-
539
-
20
-
2391AKF[1]2[2]0
0.0047
9.4
0.7
-
447
-
20
-
2471AKF[1]2[2]0
0.0056
11.2
0.7
-
375
-
20
-
2561AKF[1]2[2]0
0.0068
13.6
0.8
-
309
-
20
-
2681AKF[1]2[2]0
0.0082
16.4
0.9
-
256
-
20
-
2821AKF[1]2[2]0
0.010
20.0
0.9
-
263
-
25
-
3101AKF[1]2[2]0
0.012
24.0
1.0
-
219
-
25
-
3121AKF[1]2[2]0
0.015
8.5 x 15.0 x 17.5
30.0
1.2
-
175
-
25
-
3151AKF[1]2[2]0
0.018
36.0
1.3
-
146
-
25
-
3181AKF[1]2[2]0
0.022
10.0 x 16.5 x 17.5
44.0
1.6
-
119
-
25
-
3221AKF[1]2[2]0
0.027
54.0
1.6
-
117
-
30
-
3271AKF[1]2[2]0
0.033
10.5 x 17.5 x 18.0
66.0
1.8
-
95
-
30
-
3331AKF[1]2[2]0
0.039
11.0 x 18.5 x 18.0
78.0
2.0
-
81
-
30
-
3391AKF[1]2[2]0
0.010
7.0 x 16.5 x 26.0
22.5
-
1700
17.0
1.0
-
263
-
25
-
3101AKI[1]2[2]0
0.012
8.5 x 18.0 x 26.0
20.4
1.2
-
219
-
25
-
3121AKI[1]2[2]0
0.015
25.5
1.3
-
175
-
25
-
3151AKI[1]2[2]0
0.018
30.6
1.4
-
146
-
25
-
3181AKI[1]2[2]0
0.022
37.4
1.6
-
119
-
25
-
3221AKI[1]2[2]0
0.027
45.9
1.6
-
117
-
30
-
3271AKI[1]2[2]0
0.033
56.1
1.8
-
95
-
30
-
3331AKI[1]2[2]0
0.039
66.3
1.9
-
81
-
30
-
3391AKI[1]2[2]0
0.047
10.0 x 19.5 x 26.0
79.9
2.3
-
67
-
30
-
3471AKI[1]2[2]0
0.056
95.2
2.3
-
66
-
35
-
3561AKI[1]2[2]0
0.068
12.0 x 22.0 x 26.0
115.6
2.8
-
54
-
35
-
3681AKI[1]2[2]0
0.082
139.4
2.7
-
58
-
45
-
3821AKI[1]2[2]0
0.10
170.0
3.0
-
47
-
45
-
4101AKI[1]2[2]0
0.068
11.0 x 21.0 x 31.0
27.5
-
1200
81.6
2.3
-
70
-
45
-
3681AKK[1]2[2]0
0.082
98.4
2.5
-
58
-
45
-
3821AKK[1]2[2]0
0.10
120.0
2.8
-
47
-
45
-
4101AKK[1]2[2]0
0.12
13.0 x 23.0 x 31.0
144.0
3.3
-
39
-
45
-
4121AKK[1]2[2]0
0.15
15.0 x 25.0 x 31.0
180.0
3.9
-
32
-
45
-
4151AKK[1]2[2]0
0.18
216.0
4.3
-
26
-
45
-
4181AKK[1]2[2]0
0.22
18.0 x 28.0 x 31.0
264.0
4.0
-
36
-
75
-
4221AKK[1]2[2]0
0.27
324.0
4.5
-
29
-
75
-
4271AKK[1]2[2]0
0.33
21.0 x 31.0 x 31.0
396.0
5.3
-
24
-
75
-
4331AKK[1]2[2]0
0.47
18 x 32.5 x 41.5
37.5
-
450
211.5
11.2
-
6
-
25
-
4471AKP[1]2T0
0.56
18.5 x 35.5 x 43
10.2
252.0
12.7
13.3
6
6
25
25
4561AKP[1]4T0
0.68
21.5 x 38.5 x 43
306.0
14.3
15.0
5
5
30
30
4681AKP[1]4T0
0.82
24 x 44 x 42
369.0
15.8
16.6
5
5
35
35
4821AKP[1]4T0
1.00
450.0
15.8
16.6
5
5
40
40
5101AKP[1]4T0
1.20
30 x 45 x 42
20.3
540.0
16.6
17.4
5
5
50
45
5121AKP[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com