Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E14740API2W0 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 13Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 14Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 15Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 16Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 17Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
14
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Impedance as a function of frequency (typical curve)
Maximum allowed component temperature rise (
T)
as a function of ambient temperature (Tamb)
Insulation resistance as a function of ambient temperature
(typical curve)
Maximum RMS voltage as a function of frequency (400 VDC)
Maximum RMS voltage as a function of frequency (630 VDC)
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
10 000
0.1
1
10
100
1000
10 000
Axis Title
Frequency (kHz)
0.47 μF
15 μF
1 μF
3.9 μF
10
100
1000
10000
0
5
10
15
20
25
30
35
45
65
85
105
125
Axis Title
Ambient Temperature (°C)
10
100
1000
10000
10 000
100 000
1 000 000
030
60
90
120
Axis Title
Ambient Temperature (°C)
2nd line
10
100
1000
10000
10
100
1000
0.1
1
10
100
1000
Axis Title
Frequency (kHz)
T
comp ≤85 °C
47 nF
100 nF
470 nF
1 μF
2.2 μF
3.9 μF
10
100
1000
10000
10
100
1000
0.1
1
10
100
1000
Axis Title
Frequency (kHz)
T
comp ≤85 °C
27 nF
100 nF
470 nF
1 μF
2.2 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com