Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E14740API2W0 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 13Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
10
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2000
URAC = 700 V, Up-p = 2000 V, C-TOL. = ± 10 %
0.0010
7.0 x 13.5 x 17.5
15
-
2900
2.9
0.3
-
2626
-
25
-
2102AKF[1]2[2]0
0.0012
3.5
0.3
-
2188
-
25
-
2122AKF[1]2[2]0
0.0015
4.4
0.3
-
1751
-
25
-
2152AKF[1]2[2]0
0.0018
5.2
0.4
-
1459
-
25
-
2182AKF[1]2[2]0
0.0022
6.4
0.4
-
1194
-
25
-
2222AKF[1]2[2]0
0.0027
7.8
0.5
-
973
-
25
-
2272AKF[1]2[2]0
0.0033
9.6
0.5
-
796
-
25
-
2332AKF[1]2[2]0
0.0039
11.3
0.6
-
673
-
25
-
2392AKF[1]2[2]0
0.0047
13.6
0.6
-
559
-
25
-
2472AKF[1]2[2]0
0.0056
16.2
0.7
-
469
-
25
-
2562AKF[1]2[2]0
0.0068
8.5 x 15.0 x 17.5
19.7
0.8
-
386
-
25
-
2682AKF[1]2[2]0
0.0082
23.8
0.9
-
320
-
25
-
2822AKF[1]2[2]0
0.010
29.0
1.0
-
263
-
25
-
3102AKF[1]2[2]0
0.012
10.0 x 16.5 x 17.5
34.8
1.0
-
263
-
30
-
3122AKF[1]2[2]0
0.015
43.5
1.2
-
210
-
30
-
3152AKF[1]2[2]0
0.018
10.5 x 17.5 x 18.0
52.2
1.3
-
175
-
30
-
3182AKF[1]2[2]0
0.022
11.0 x 18.5 x 18.0
63.8
1.5
-
143
-
30
-
3222AKF[1]2[2]0
0.010
8.5 x 18.0 x 26.0
22.5
-
2500
25.0
1.1
-
263
-
25
-
3102AKI[1]2[2]0
0.012
30.0
1.1
-
263
-
30
-
3122AKI[1]2[2]0
0.015
37.5
1.2
-
210
-
30
-
3152AKI[1]2[2]0
0.018
45.0
1.3
-
175
-
30
-
3182AKI[1]2[2]0
0.022
55.0
1.5
-
143
-
30
-
3222AKI[1]2[2]0
0.027
10.0 x 19.5 x 26.0
67.5
1.7
-
117
-
30
-
3272AKI[1]2[2]0
0.033
82.5
1.9
-
95
-
30
-
3332AKI[1]2[2]0
0.039
12.0 x 22.0 x 26.0
97.5
2.3
-
81
-
30
-
3392AKI[1]2[2]0
0.047
117.5
2.5
-
67
-
30
-
3472AKI[1]2[2]0
0.056
140.0
2.5
-
66
-
35
-
3562AKI[1]2[2]0
0.022
11.0 x 21.0 x 31.0
27.5
-
1700
37.4
1.6
-
143
-
30
-
3222AKK[1]2[2]0
0.027
45.9
1.8
-
117
-
30
-
3272AKK[1]2[2]0
0.033
56.1
2.0
-
95
-
30
-
3332AKK[1]2[2]0
0.039
66.3
2.1
-
81
-
30
-
3392AKK[1]2[2]0
0.047
79.9
2.3
-
67
-
30
-
3472AKK[1]2[2]0
0.056
13.0 x 23.0 x 31.0
95.2
2.5
-
66
-
35
-
3562AKK[1]2[2]0
0.068
115.6
2.8
-
54
-
35
-
3682AKK[1]2[2]0
0.082
15.0 x 25.0 x 31.0
139.4
2.9
-
58
-
45
-
3822AKK[1]2[2]0
0.10
170.0
3.2
-
47
-
45
-
4102AKK[1]2[2]0
0.12
18.0 x 28.0 x 31.0
204.0
3.8
-
39
-
45
-
4122AKK[1]2[2]0
0.15
255.0
4.3
-
32
-
45
-
4152AKK[1]2[2]0
0.18
21.0 x 31.0 x 31.0
306.0
5.1
-
26
-
45
-
4182AKK[1]2[2]0
0.33
18.5 x 35.5 x 43
37.5
10.2
600
198.0
11.8
12.4
7
7
20
20
4332AKP[1]4T0
0.39
21.5 x 38.5 x 43
234.0
13.1
13.7
6
6
20
20
4392AKP[1]4T0
0.47
24 x 44 x 42
282.0
14.5
15.3
6
6
25
25
4472AKP[1]4T0
0.56
336.0
15.0
15.7
5
5
25
25
4562AKP[1]4T0
0.68
30 x 45 x 42
20.3
408.0
16.6
17.4
5
5
30
30
4682AKP[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com