Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E14740API2W0 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MKP385E14740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E14740API2W0 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MKP385E14740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 13Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 14Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 15Page - Vishay Siliconix MKP385E14740API2W0 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
12
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) For tolerances see section “Space Requirements on Printed-Circuit Board”
(2) Weight for short lead product only
(3) H = in-tape height; P0 = sprocket hole distance
MOUNTING
Normal Use
The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoleers are designed for
mounting on printed-circuit boards by means of automatic insertion machines.
For detailed tape specifications refer to packaging information www.vishay.com/doc?28139
Specific Method of Mounting to Withstand Vibration and Shock
In order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good contact with the
printed-circuit board:
• For original pitch = 15 mm the capacitors shall be mechanically fixed by the leads
• For larger pitches the capacitors shall be mounted in the same way and the body clamped
Space Requirements on Printed-Circuit Board
The maximum space for length (lmax.), width (wmax.), and height (hmax.) of film capacitors to take in account on the printed circuit
board is shown in the drawings:
For products with pitch
 15 mm, w = l = 0.3 mm and h = 0.1 mm
For products with 15 mm < pitch
 27.5 mm, w = l = 0.5 mm and h = 0.1 mm
For products with pitch = 37.5 mm and 52.5 mm,
w = l = 0.7 mm and h = 0.5 mm
Eccentricity defined as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product
concerned.
PACKAGING INFORMATION
DIMENSIONS (1)
(mm)
MASS (2)
(g)
dt
(mm)
SPQ (pcs)
LOOSE IN BOX
REEL PACK (3)
It  5 mm
It = 25 mm
H = 18.5 mm; P0 = 12.7 mm
PITCH = 15 mm ± 0.4 mm
7.0 x 13.5 x 17.5
1.8
0.80 ± 0.08
750
500
800
8.5 x 15.0 x 17.5
2.4
0.80 ± 0.08
750
500
650
10.0 x 16.5 x 17.5
3
0.80 ± 0.08
500
450
600
10.5 x 17.5 x 18.0
4
0.80 ± 0.08
225
400
600
11.0 x 18.5 x 18.0
5
0.80 ± 0.08
225
350
550
PITCH = 22.5 mm ± 0.4 mm
7.0 x 16.5 x 26.0
2.9
0.80 ± 0.08
200
250
500
8.5 x 18.0 x 26.0
3.8
0.80 ± 0.08
200
250
450
10.0 x 19.5 x 26.0
6.8
0.80 ± 0.08
200
200
350
12.0 x 22.0 x 26.0
7.8
0.80 ± 0.08
150
200
300
12.5 x 22.5 x 26.5
10
0.80 ± 0.08
140
400
300
PITCH = 27.5 mm ± 0.4 mm
9.0 x 19.0 x 31.0
5.5
0.80 ± 0.08
100
150
-
11.0 x 21.0 x 31.0
7.4
0.80 ± 0.08
100
125
-
13.0 x 23.0 x 31.0
9.2
0.80 ± 0.08
100
125
-
15.0 x 25.0 x 31.0
12.3
0.80 ± 0.08
100
125
-
18.0 x 28.0 x 31.0
16.1
0.80 ± 0.08
100
100
-
21.0 x 31.0 x 31.0
18.3
0.80 ± 0.08
50
75
-
PITCH = 37.5 mm ± 0.4 mm
15.7 x 28.5 x 41.5
17.92
0.95 ± 0.10
70
-
-
18.0 x 32.5 x 41.5
23.68
0.95 ± 0.10
60
-
-
18.5 x 35.5 x 43.0
29.41
0.95 ± 0.10
105
-
-
21.5 x 38.5 x 43.0
37.68
0.95 ± 0.10
91
-
-
24.0 x 44.0 x 42.0
47.37
0.95 ± 0.10
77
-
-
30.0 x 45.0 x 42.0
58.82
0.95 ± 0.10
63
-
-
PITCH = 57.5 mm ± 0.4 mm
35.0 x 50.0 x 57.5
99.0
0.95 ± 0.10
40
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com