Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM50DL128CH Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM50DL128CH
Description  STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CH Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM50DL128CH Datasheet HTML 12Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 13Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 14Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 15Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 16Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 17Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 18Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 19Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
14
Am50DL128CH
October 6, 2003
ADV ANCE
I N FO RMAT I O N
Table 2.
Am29DL640H Sector Architecture
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x16)
Address Range
Bank 1
SA0
0000000000
8/4
00000h–00FFFh
SA1
0000000001
8/4
01000h–01FFFh
SA2
0000000010
8/4
02000h–02FFFh
SA3
0000000011
8/4
03000h–03FFFh
SA4
0000000100
8/4
04000h–04FFFh
SA5
0000000101
8/4
05000h–05FFFh
SA6
0000000110
8/4
06000h–06FFFh
SA7
0000000111
8/4
07000h–07FFFh
SA8
0000001xxx
64/32
08000h–0FFFFh
SA9
0000010xxx
64/32
10000h–17FFFh
SA10
0000011xxx
64/32
18000h–1FFFFh
SA11
0000100xxx
64/32
20000h–27FFFh
SA12
0000101xxx
64/32
28000h–2FFFFh
SA13
0000110xxx
64/32
30000h–37FFFh
SA14
0000111xxx
64/32
38000h–3FFFFh
SA15
0001000xxx
64/32
40000h–47FFFh
SA16
0001001xxx
64/32
48000h–4FFFFh
SA17
0001010xxx
64/32
50000h–57FFFh
SA18
0001011xxx
64/32
58000h–5FFFFh
SA19
0001100xxx
64/32
60000h–67FFFh
SA20
0001101xxx
64/32
68000h–6FFFFh
SA21
0001101xxx
64/32
70000h–77FFFh
SA22
0001111xxx
64/32
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com