Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM50DL128CH Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM50DL128CH
Description  STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CH Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM50DL128CH Datasheet HTML 7Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 8Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 9Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 10Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 11Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 12Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 13Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 14Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
October 6, 2003
Am50DL128CH
9
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD or Fujitsu sales office to
confirm availability of specific valid combinations and to check on
newly released combinations.
Am50DL128
C
H
70
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5
FLASH PROCESS TECHNOLOGY
H
=
0.13 µm
PSEUDO SRAM DEVICE DENSITY
C
=
64 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am50DL128CH
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Two Am29DL640H 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation
Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM with Page Mode
88-Ball Fine Pitch Ball Grid Array, 11.6 x 8, 0.80 mm pitch package (FTA088)
Valid Combinations
Order Number
Package Marking
Am50DL128CH56I
T,S
M50000004M
Am50DL128CH70I
M50000004N
Am50DL128CH85I
M50000004P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com