Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM50DL128CH Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM50DL128CH
Description  STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CH Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM50DL128CH Datasheet HTML 9Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 10Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 11Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 12Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 13Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 14Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 15Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 16Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
October 6, 2003
Am50DL128CH
11
ADV ANCE
I N FO RMAT I O N
Table 1.
Device Bus Operations—Flash Word Mode
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SADD = Flash Sector Address, AIN =
Address In, D
IN = Data In, DOUT = Data Out
Notes:
1.
Other operations except for those indicated in this column are
inhibited.
2.
Do not apply CE#f1 or 2 = V
IL, CE1#s = VIL and CE2s = VIH at the
same time.
3.
Active flash is device being addressed.
4.
Don’t care or open LB#s or UB#s.
5.
If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC
= V
IH the boot sectors protection will be removed.
If WP#/ACC = V
ACC (9V), the program time will be reduced by
40%.
6.
The sector protect and sector unprotect functions may also be
implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
7.
If WP#/ACC = V
IL, the two outermost boot sectors remain
protected. If WP#/ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or
unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If WP#/ACC = V
HH, all sectors will
be unprotected.
8.
Data will be retained in pSRAM.
9.
Data will be lost in pSRAM.
10. CE# inputs on both flash devices may be held low for this operation.
Operation
(Notes 1, 2)
CE#f
Active
CE#f
Inactive CE1#ps CE2ps OE# WE#
Addr.
LB#s
UB#s RESET#
WP#/
ACC
(Note 5)
DQ7–
DQ0
DQ15–
DQ8
(Note 3)
Read from
Active Flash
(Note 8)
LH
HH
LH
A
IN
XX
H
L/H
D
OUT
D
OUT
(Note 9)
H
L
Write to Active
Flash
(Note 8)
LH
HH
HL
A
IN
XX
H
(Note 5)
D
IN
D
IN
(Note 9)
H
L
Standby
V
CC ± 0.3 V
HH
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Deep Power-down
Standby
V
CC ± 0.3 V
HL
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Output Disable (Note 10)
L
H
L
H
HH
X
X
X
H
L/H
High-Z
High-Z
HH
X
X
X
Flash Hardware
Reset
(Note 8)
X
HH
X
X
X
X
X
L
L/H
High-Z
High-Z
(Note 9)
H
L
Sector Protect
(Notes 6, 10)
(Note 8)
LH
HH
HL
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
L/H
D
IN
X
(Note 9)
H
L
Sector
Unprotect
(Notes 6, 10)
(Note 8)
LH
HH
HL
SADD,
A6 = H,
A1 = H,
A0 = L
XX
V
ID
(Note 7)
D
IN
X
(Note 9)
H
L
Temporary
Sector
Unprotect
(Note 8)
X
HH
XX
X
X
X
VID
(Note 7)
DIN
High-Z
(Note 9)
H
L
Read from pSRAM
H
H
L
H
L
H
A
IN
LL
HX
D
OUT
D
OUT
H
L
High-Z
D
OUT
LH
D
OUT
High-Z
Write to pSRAM
H
H
L
H
X
L
A
IN
LL
HX
D
IN
D
IN
H
L
High-Z
D
IN
LH
D
IN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com