Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM50DL128CH Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM50DL128CH
Description  STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CH Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM50DL128CH Datasheet HTML 3Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 4Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 5Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 6Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 7Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 8Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 9Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 10Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
October 6, 2003
Am50DL128CH
5
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am50DL128CH
Speed
Options
Standard Voltage
Range: VCC =
2.7–3.3 V
Flash Memory
Pseudo SRAM
56
70
85
56
70
85
Max Access Time, ns
55
70
85
70
70
85
Page Access Time
(pSRAM), ns
N/A
N/A
N/A
30
30
35
CE#f Access, ns
55
70
85
70
70
85
OE# Access, ns
25
30
40
25
25
30
VSS
VCCs
RESET#2
WE#
OE#
CE1#ps
LB#
UB#
CE#f1
WP#/ACC
CE2ps
64 MBit
Static RAM
64 MBit
Flash Memory
#2
DQ15 to DQ0
DQ15 to DQ0
RY/BY#1
VSS
VCCf
64 MBit
Flash Memory
#1
A21 to A0
A21 to A0
A21 to A0
CE#f2
DQ15 to DQ0
VSSf
VCCf
RY/BY#2
RESET#1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com