Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 65Page - Analog Devices AD9546BCPZ Datasheet HTML 66Page - Analog Devices AD9546BCPZ Datasheet HTML 67Page - Analog Devices AD9546BCPZ Datasheet HTML 68Page - Analog Devices AD9546BCPZ Datasheet HTML 69Page - Analog Devices AD9546BCPZ Datasheet HTML 70Page - Analog Devices AD9546BCPZ Datasheet HTML 71Page - Analog Devices AD9546BCPZ Datasheet HTML 72Page - Analog Devices AD9546BCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 69 of 205
INVERSE USER TIME STAMPER (IUTS)
OVERVIEW
The AD9546 has two IUTSs: IUTS 0 and IUTS 1 (see Figure 54).
As the name implies, an IUTS performs the inverse function of
a UTS: accepting time codes based on the common time scale
provided by the user via the register map and converting those
time codes to internal device time stamps based on the local
time scale (see the Common Clock Synchronizer (CCS)
section). Because the IUTSs rely on the common time scale
(which originates with the CCS), the status of the CCS matters
for the proper function of an IUTS. As such, each IUTS is
inoperative unless the CCS indicates ready status.
The intended operation of an IUTS is to translate a digitized
clock signal (provided by the user in the form of a periodic
sequence of time codes written to the register map) to an
internal digitized clock signal for use by other resources within
the AD9546 (for example, as the input to one of the DPLL
channels). In a real-world, typical digitized clocking
application, the user reads time codes from a UTS and delivers
those time codes to an IUTS, which constitutes the transport of
a digitized clock signal (see Figure 49).
In operation, the user writes a time code to an IUTS and asserts
an IO update. The writing of a time code and subsequent
assertion of an IO update causes the IUTS to process the new
time code. Repeatedly carrying out the process of writing a time
code and asserting an IO update effectively constitutes a
digitized clock signal.
The IUTS computes the period of successive time codes via the
period processor, where the current time code minus the
previous time code constitutes an instantaneous period sample.
Because period samples may exhibit jitter from sample to
sample, the period processor employs an averaging mechanism
to filter out period jitter from the underlying digitized clock
signal. The averaging mechanism allows the period processor to
provide a reliable estimate of the next time code in the
sequence, despite the presence of period jitter on the incoming
sequence of time codes.
The IUTS does not produce an output time stamp from the
estimated time code until the time indicated by the common
time scale is greater than or equal to the value of the estimated
time code. That is, a causal gateway prevents estimated time
codes from appearing as output time stamps until they are
current (in terms of the common time scale).
The period processor of the IUTS includes a period monitor
that observes the period of each time code sample processed. If
a period sample deviates by more than about 1.5625%, the
IUTS that processed the sample indicates an invalid status (see
the IUTS Status section).
ESTIMATED
TIME CODE
STATUS
BYPASS
LOCK
PERIOD
PROCESSOR
PERIOD
MONITOR
REG 0x0F00, BIT 1
IUTS 0
COMMON TIME SCALE
CAUSAL
GATEWAY
TIME
STAMP
COMMON TIME SCALE
TIME
STAMPS
CCDPLL UNLOCK
CAUSAL
GATEWAY
OFFSET
BYPASS
LOCK
24
TIME
STAMP
CCS READY
ADJUSTED
TIME CODE
PERIOD
PROCESSOR
PERIOD
MONITOR
REG 0x0F00, BIT 0
REG 0x0F03 TO 0x0F01,
BITS[23:0]
REG 0x0F04, BIT 0
REG 0x0F04, BIT 1
REG 0x0F07 TO 0x0F05,
BITS[23:0]
CSS SYNC 0 TIME CODE
TO COMMON CLOCK
SYNCHRONIZER
96
REG 0x0F15 TO 0x0F0A,
BITS[95:0]
CSS SYNC 1 TIME CODE
IUTS 0 TIME CODE
IUTS 1 TIME CODE
FORMATTER
REG 0x0F09, BIT 7
FORMAT
96
96
96
96
FORMATTED
TIME CODE
IUTS 0
RESTART
CSS SYNC 1 RESTART
CSS SYNC 0 RESTART
RESTART
REG 0x0F08, BIT 0
DESTINATION
5
REG 0x0F09, BITS[4:0]
TIME CODE
OFFSET
24
96
IUTS 1
RESTART
IUTS 1
INVALIDATE
REG 0x3023, BIT 0
REG 0x301E, BITS[1:0]
ESTIMATED
TIME CODE
ADJUSTED
TIME CODE
STATUS
REG 0x3023, BIT 1
REG 0x301E, BITS[3:2]
COMMON TIME SCALE
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
Figure 54. IUTS Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com