| Electronic Components Datasheet Search |
|
AD9546BCPZ Datasheet(PDF) 94 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546BCPZ Datasheet(HTML) 94 Page - Analog Devices |
|
94 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 94 of 205 DISTRIBUTION DIVIDERS (Q DIVIDERS) DISTRIBUTION DIVIDERS OVERVIEW Five pairs of Q dividers correspond to the five pairs of clock output drivers (see the Distribution Clock Output Drivers section). Unlike typical clock dividers, which count the rising edge (or falling edge) of its input clock, the Q dividers count both the rising and falling edges of its input clock. Dual-edge counting enables features not possible with a typical counter. The Q dividers respond to several controllers that implement the various features of the Q dividers. Figure 67 shows a diagram of the Q dividers and associated controllers. Although not explicitly shown, the output of each Q divider routes to its corresponding output driver. Each Q divider has independent phase offset (delay) capability as governed by a phase offset controller (see the Distribution Phase Offset Control section). In addition, a sophisticated and flexible synchronization mechanism provides synchronized output clock timing for any or all Q divider output signals (see the Distribution Output Clock Synchronization section). A JESD204B and burst controller enables each Q divider to generate a clock signal supporting JESD204B or to generate flexible burst patterns supporting gapped clock and similar applications (see the Distribution N Shot/PRBS Output Clocking section). Furthermore, the Qxy divider of each Q divider pair is capable of modulating (that is, time shifting) falling edges of the output clock signal. The modulation of the clock edge location supports embedded clock applications such as transporting a lower frequency clock signal over a higher frequency carrier clock (see the Distribution Embedded Output Clock Modulation section). At power-up, the synchronization controller holds the disabled Q dividers (that is, there are no output clocks). Consequently, the user must issue a synchronization request (see the Distribution Output Clock Synchronization section) following a power-up or reset to initialize the Q dividers. MODULATION Qxy SYNC Qxy SYSTEM CLOCK PLL0/PLL1 P DIVIDER Q DIVIDER PAIR 1 Q DIVIDER PAIR 5 TO OUTPUT DRIVERS N SHOT/PRBS CONTROLLER PHASE OFFSET CONTROLLER SYNCHRONIZATION CONTROLLER 10 4 5 10 TO Q DIVIDER PAIR 2 TO PAIR 5 MODULATION CONTROLLER 8 10 8 8 2 2 2 N SHOT/PRBS N SHOT/PRBS PHASE OFFSET PHASE OFFSET SYNC Figure 67. Functional Block Diagram of Q Dividers and Controllers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |