Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 13Page - Analog Devices AD9546BCPZ Datasheet HTML 14Page - Analog Devices AD9546BCPZ Datasheet HTML 15Page - Analog Devices AD9546BCPZ Datasheet HTML 16Page - Analog Devices AD9546BCPZ Datasheet HTML 17Page - Analog Devices AD9546BCPZ Datasheet HTML 18Page - Analog Devices AD9546BCPZ Datasheet HTML 19Page - Analog Devices AD9546BCPZ Datasheet HTML 20Page - Analog Devices AD9546BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 17 of 205
DISTRIBUTION CLOCK OUTPUTS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
All testing is both ac-coupled and dc-coupled
Output Frequency
Frequency range determined by driver functionality; actual
frequency synthesis may be limited by the APLL VCO
frequency range
CML
1
500 × 106
Hz
Terminated per Figure 40
High Speed Current Steering
Logic (HCSL)
1
500 × 106
Hz
Terminated per Figure 39
Differential Output Voltage
Swing
Voltage between output pins measured with output driver
static; peak-to-peak differential output amplitude is twice
that shown when driver is toggling and measured using a
differential probe
Output Current = 7.5 mA
HCSL
312
368
402
mV
Terminated per Figure 39
CML
257
348
408
mV
Terminated to VDD (nominal 1.8 V) per Figure 40
Output Current = 15 mA
HCSL
631
745
809
mV
Terminated per Figure 39
CML
578
729
818
mV
Terminated to VDD (nominal 1.8 V) per Figure 40
Common-Mode Output Voltage
Output Current = 7.5 mA
HCSL
155
184
201
mV
Terminated per Figure 39
CML
VDD − 208
VDD − 188
VDD − 169
mV
Terminated to VDD (nominal 1.8 V) per Figure 40 (maximum
common-mode voltage case occurs at the minimum
amplitude)
Output Current = 15 mA
HCSL
316
372
405
mV
Terminated per Figure 39
CML
VDD − 416
VDD − 371
VDD − 327
mV
Terminated to VDD (nominal 1.8 V) per Figure 40 (maximum
common-mode voltage case occurs at the minimum amplitude)
Rise/Fall Time
Rise/fall times measured on a 50 MHz output signal (parasitic
load ≈ 5 pF)
HCSL
7.5 mA Drive Current
228
342
ps
15 mA Drive Current
218
340
ps
CML
7.5 mA Drive Current
205
323
ps
15 mA Drive Current
185
303
ps
Duty Cycle
HCSL
Frequency with 7.5 mA
Drive Current
≤100 MHz
47.5
50
52.5
%
500 MHz
43.8
50
55
%
Frequency with 15 mA
Drive Current
≤100 MHz
47.5
50
52.5
%
500 MHz
46.5
50
52.5
%
CML
Frequency with 7.5 mA
Drive Current
≤100 MHz
47.5
50
52.5
%
500 MHz
45
50
55
%
Frequency with 15 mA
Drive Current
≤100 MHz
47.5
50
52.5
%
500 MHz
45
50
54
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com