Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 16Page - Analog Devices AD9546BCPZ Datasheet HTML 17Page - Analog Devices AD9546BCPZ Datasheet HTML 18Page - Analog Devices AD9546BCPZ Datasheet HTML 19Page - Analog Devices AD9546BCPZ Datasheet HTML 20Page - Analog Devices AD9546BCPZ Datasheet HTML 21Page - Analog Devices AD9546BCPZ Datasheet HTML 22Page - Analog Devices AD9546BCPZ Datasheet HTML 23Page - Analog Devices AD9546BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 20 of 205
OUTPUT TIMING SKEW BETWEEN Mx PINS AND OUTxyP AND/OR OUTxyN PINS
The timing skew between the Mx pins and the OUTxyP and/or OUTxyN pins is important when using an auxiliary NCO as a reference
input to one of the DPLLs and simultaneously using an Mx pin as an output for the auxiliary NCO (see the Auxiliary NCOs section and
the Status and Control Pins section). To obtain the data given in Table 13, the device configuration uses an auxiliary NCO as the
reference input to DPLL0 and DPLL1, with both phase-locked loop (PLL) channels employing a 1:1 frequency translation from the
auxiliary NCO to the distribution output. The auxiliary NCO output routes to one of the Mx pins that is configured as a status output.
Because of the 1:1 frequency translation, the Mx pin output signal and the OUTxyP/OUTxyN output signal have the same frequency.
The data in Table 13 is for the timing skew between the OUT0AP, OUT0AN, OUT1AP, or OUT1AN pin and the Mx pin carrying the
auxiliary NCO output signal. Note that the auxiliary NCO exhibits ~1.25 ns quantization, and the tabulated data in Table 13 is an average
of the quantization variation.
Table 13.
Parameter
Min
Typ
Max
Unit
TIMING SKEW BETWEEN Mx AND OUT0AP/OUT0AN PINS
VDDIOA and VDDIOB Supply Voltage
1.8 V
−5.5
ns
2.5 V
−5.15
ns
3.3 V
−5.0
ns
TIME DURATION OF DIGITAL FUNCTIONS
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIME DURATION OF DIGITAL
FUNCTIONS
EEPROM to Register Download
Time
10
ms
Using the Typical Configuration conditions from Table 4
Power-On Reset (POR)
25
ms
Time from power supplies > 80% to release of internal reset
Mx Pin to RESETB Rising Edge
Setup Time
1
ns
Mx refers to Pin M0 through Pin CSB/M6
Mx Pin to RESETB Rising Edge
Hold Time
2
ns
Multiple Mx Pin Timing Skew
39
ns
Applies only to multibit Mx pin functions
RESETB Falling Edge to Mx Pin
High-Z Time
14
ns
Time from Release of Power-
Down to Completion of
System Clock PLL Calibration
170
µs
Excludes time delay associated with the user programmable
system clock stability timer (50 ms default)
Time from Release of Power-
Down to System Clock PLL
Locked and Calibrated
172
µs
Excludes time delay associated with the user programmable
system clock stability timer (50 ms default)
Time for APLLx to Calibrate and
Lock
5
ms
Time from assertion of IO update (with Bit 1 = 1 in Register 0x2100
and/or Register 0x2200) to APLLx indicating calibrated and locked
status; uses the Typical Configuration conditions in Table 4;
prerequisites = system clock PLL locked and stable, and DPLLx
phase locked
TIME FROM START OF DPLL
ACTIVATION TO ACTIVE PHASE
DETECTOR OUTPUT
Untagged Operation
10
tPFD
tPFD = R/fREF, where R is the frequency division factor determined by
the R divider, and fREF is the frequency of the active reference
Tagged Operation
10
Tag
period
Tag period = (tag ratio/fTAG), where fTAG is either fREF (for tagged
reference mode) or the feedback frequency of DPLLx, fFEEDBACK (for all
other tagged modes); the tag ratio corresponds to the selection of fTAG
(as fREF or fFEEDBACK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com