Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9546BCPZ Datasheet(PDF) 107 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 103Page - Analog Devices AD9546BCPZ Datasheet HTML 104Page - Analog Devices AD9546BCPZ Datasheet HTML 105Page - Analog Devices AD9546BCPZ Datasheet HTML 106Page - Analog Devices AD9546BCPZ Datasheet HTML 107Page - Analog Devices AD9546BCPZ Datasheet HTML 108Page - Analog Devices AD9546BCPZ Datasheet HTML 109Page - Analog Devices AD9546BCPZ Datasheet HTML 110Page - Analog Devices AD9546BCPZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 107 of 205
MODULATION PERIOD
The modulation period is the interval between modulation events
(see Figure 75). To control the modulation period parameter,
use the 28-bit unsigned integer (modulation counter) in the
register address ranges shown in Table 71. The modulation
counter value carries units of the period of the output clock of
the associated Q divider.
The modulation counter value must be greater than or equal to six.
Table 71. Modulation Period Address Ranges
Modulator
Register Address
Q0A
0x10C2 to 0x10C5
Q0B
0x10C6 to 0x10C9
Q0C
0x10CA to 0x10CD
Q1A
0x14C2 to 0x14C5
Q1B
0x14C6 to 0x14C9
The three lower addresses for each Q divider in Table 71 carry
the 24 LSBs of the 28-bit integer, and Bits[3:0] of the upper
address carry the four MSBs of the 28-bit integer (Bits[7:4] are
unused).
The modulation period (tMOD) depends on the input clock
frequency (fIN), the divide ratio of the associated Q divider, and
the modulation counter value.
tMOD = Modulation Counter × (Qxy/fIN)
(4)
Suppose the input clock to Q Divider Q0A comes from APLL0
with its VCO operating at 2.38 GHz. Because the VCO drives
a divide-by-2 block prior to the Q divider clock input, the
Q divider input frequency (fIN) is 1.19 GHz. Find the value of
the modulation counter value required to yield a modulation
period (tMOD) of 1 ms (0.001 sec) for a Q divide ratio of 107.5.
Substituting the appropriate values into Equation 4 yields
10−3 = Modulation Counter × (107.5/(1.19 × 109))
Therefore,
Modulation Counter = 11,070 (nearest integer)
= 0x 0000 2B3E (hexadecimal)
The desired modulation period (tMOD) is 1 ms. The modulation
counter value must be an integer. However, it is not always
possible to produce the desired modulation period exactly. In
this example, the actual tMOD value is 1.0000210084 ms (per
Equation 4).
BALANCED AND UNBALANCED MODULATION
Modulation consists of periodic modulation events occurring at
regular intervals, tMOD, with a single modulation event spanning
two output clock cycles of the Q divider associated with the
modulator. The modulator applies the specified pulse width
variation (per the modulation step and modulation counter) to
one or both clock cycles of the modulation event. Modulation
of both clock cycles constitutes balanced modulation, whereas
modulation of only one clock cycle constitutes unbalanced
modulation.
With balanced modulation, the modulator applies opposite
polarity to the modulation steps of the two consecutive cycles
of the modulation event (see Figure 76). As such, balanced
modulation maintains the average dc level of the waveform at
its nominal 50% amplitude point.
With unbalanced modulation, the modulator applies the
modulation step (Δt) to only the first pulse of the modulation
event, leaving the second pulse unaltered (see Figure 77) and
resulting in a waveform with a dc level slightly less than its
nominal 50% amplitude point.
To select between unbalanced and balanced modulation, use
Bit 2 per the register address in Table 70 for a given Q divider.
Logic 0 (default) selects balanced modulation, whereas Logic 1
selects unbalanced modulation.
By default, the first pulse of a modulation event has −Δt (and
the second pulse +Δt if balance modulation is in effect).
However, the user can force alternate polarity, where the first
pulse of a modulation event has +Δt (and the optional second
pulse has −Δt). Polarity control is via Bit 1 per the register
address in Table 70 for a given Q divider. Logic 0 (default)
applies negative polarity to Δt for the first pulse of a
modulation event, whereas Logic 1 applies positive polarity to
Δt for the first pulse (see Figure 78), which causes a positive shift
in dc offset in the case of unbalanced modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com