Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 32Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 33Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 34Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 35Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 36Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 37Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 39Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 175 page
background image
8.12.4.2 Clock Requirements and Characteristics
8.12.4.2.1 Input Clock Requirements
The clock provided at the XCLKIN pin generates the internal CPU clock cycle.
8.12.4.2.1.1 Input Clock Frequency
PARAMETER
MIN
TYP
MAX UNIT
fx
Input clock frequency
Resonator
20
35
MHz
Crystal
20
35
XCLKIN
Without PLL
4
150
With PLL
5
100
fl
Limp mode clock frequency
2
MHz
8.12.4.2.1.2 XCLKIN Timing Requirements – PLL Bypassed or Enabled
NO.
MIN
MAX UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
6
ns
C10
tr(CI)
Rise time, XCLKIN
6
ns
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
40
60
%
C12
tw(CIH)
Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
40
60
%
8.12.4.2.1.3 XCLKIN Timing Requirements – PLL Disabled
NO.
MIN
MAX UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
Up to 30 MHz
6
ns
30 MHz to 150 MHz
2
C10
tr(CI)
Rise time, XCLKIN
Up to 30 MHz
6
ns
30 MHz to 150 MHz
2
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
XCLKIN ≤ 120 MHz
40
60
%
120 < XCLKIN ≤ 150 MHz
45
55
C12
tw(CIH)
Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
XCLKIN ≤ 120 MHz
40
60
%
120 < XCLKIN ≤ 150 MHz
45
55
Table 8-2. Possible PLL Configuration Modes
PLL MODE
REMARKS
SYSCLKOUT
PLL Disabled
Invoked by tying XPLLDIS pin low upon reset. PLL block is completely disabled.
Clock input to the CPU (CLKIN) is directly derived from the clock signal present at
the X1/XCLKIN pin.
XCLKIN
PLL Bypassed
Default PLL configuration upon power-up, if PLL is not disabled. The PLL itself is
bypassed. However, the /2 module in the PLL block divides the clock input at the
X1/XCLKIN pin by two before feeding it to the CPU.
XCLKIN/2
PLL Enabled
Achieved by writing a non-zero value “n” into PLLCR register. The /2 module in the
PLL block now divides the output of the PLL by two before feeding it to the CPU.
(XCLKIN * n) / 2
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com