Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 52Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 53Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 54Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 55Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 56Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 57Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 58Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 59Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 175 page
background image
8.12.5.8 XINTF Signal Alignment to XCLKOUT
For each XINTF access, the number of lead, active, and trail cycles is based on the internal clock XTIMCLK.
Strobes such as XRD, XWE, and zone chip-select ( XZCS) change state in relationship to the rising edge of
XTIMCLK. The external clock, XCLKOUT, can be configured to be either equal to or one-half the frequency of
XTIMCLK.
For the case where XCLKOUT = XTIMCLK, all of the XINTF strobes will change state with respect to the rising
edge of XCLKOUT. For the case where XCLKOUT = one-half XTIMCLK, some strobes will change state either
on the rising edge of XCLKOUT or the falling edge of XCLKOUT. In the XINTF timing tables, the notation
XCOHL is used to indicate that the parameter is with respect to either case; XCLKOUT rising edge (high) or
XCLKOUT falling edge (low). If the parameter is always with respect to the rising edge of XCLKOUT, the notation
XCOH is used.
For the case where XCLKOUT = one-half XTIMCLK, the XCLKOUT edge with which the change will be aligned
can be determined based on the number of XTIMCLK cycles from the start of the access to the point at which
the signal changes. If this number of XTIMCLK cycles is even, the alignment will be with respect to the rising
edge of XCLKOUT. If this number is odd, then the signal will change with respect to the falling edge of
XCLKOUT. Examples include the following:
• Strobes that change at the beginning of an access always align to the rising edge of XCLKOUT. This is
because all XINTF accesses begin with respect to the rising edge of XCLKOUT.
Examples:
XZCSL
Zone chip-select active-low
XRNWL
XR/ W active-low
• Strobes that change at the beginning of the active period will align to the rising edge of XCLKOUT if the total
number of lead XTIMCLK cycles for the access is even. If the number of lead XTIMCLK cycles is odd, then
the alignment will be with respect to the falling edge of XCLKOUT.
Examples:
XRDL
XRD active-low
XWEL
XWE active-low
• Strobes that change at the beginning of the trail period will align to the rising edge of XCLKOUT if the total
number of lead + active XTIMCLK cycles (including hardware waitstates) for the access is even. If the
number of lead + active XTIMCLK cycles (including hardware waitstates) is odd, then the alignment will be
with respect to the falling edge of XCLKOUT.
Examples:
XRDH
XRD inactive-high
XWEH
XWE inactive-high
• Strobes that change at the end of the access will align to the rising edge of XCLKOUT if the total number of
lead + active + trail XTIMCLK cycles (including hardware waitstates) is even. If the number of lead + active +
trail XTIMCLK cycles (including hardware waitstates) is odd, then the alignment will be with respect to the
falling edge of XCLKOUT.
Examples:
XZCSH
Zone chip-select inactive-high
XRNWH
XR/ W inactive-high
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com